Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 193Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 194Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 195Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 196Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 197Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 198Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 199Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 200Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 408 page
background image
Monitor ROM (MON)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Monitor ROM (MON)
197
15.4.4 Baud Rate
The communication baud rate is controlled by the crystal frequency upon
entry into monitor mode. The divide by ratio is 1024.
If monitor mode was entered with VDD on IRQ, then the divide by ratio is
also set at 1024. If monitor mode was entered with VSS on IRQ, then the
internal PLL steps up the external frequency, presumed to be 32.768
kHz, to 2.4576 MHz. These latter two conditions for monitor mode entry
require that the reset vector is blank.
Table 15-3 lists external frequencies required to achieve a standard
baud rate of 9600 BPS. Other standard baud rates can be accomplished
using proportionally higher or lower frequency generators. If using a
crystal as the clock source, be aware of the upper frequency limit that the
internal clock module can handle. See 5.0 V Control Timing and 3.0 V
Control Timing for this limit.
15.4.5 Commands
The monitor ROM firmware uses these commands:
•
READ (read memory)
•
WRITE (write memory)
•
IREAD (indexed read)
•
IWRITE (indexed write)
•
READSP (read stack pointer)
•
RUN (run user program)
Table 15-3. Monitor Baud Rate Selection
External
Frequency
IRQ
Internal
Frequency
Baud Rate
(BPS)
9.8304 MHz
VTST
2.4576 MHz
9600
9.8304 MHz
VDD
2.4576 MHz
9600
32.768 kHz
VSS
2.4576 MHz
9600
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com