Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 244 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 244 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 240Page - Tyco Electronics ADE10S Datasheet HTML 241Page - Tyco Electronics ADE10S Datasheet HTML 242Page - Tyco Electronics ADE10S Datasheet HTML 243Page - Tyco Electronics ADE10S Datasheet HTML 244Page - Tyco Electronics ADE10S Datasheet HTML 245Page - Tyco Electronics ADE10S Datasheet HTML 246Page - Tyco Electronics ADE10S Datasheet HTML 247Page - Tyco Electronics ADE10S Datasheet HTML 248Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 326 page
background image
PICOD Series
J7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
Pushwheel Switches, Subminiature, Panel Mount, Dual Button
The PICOD family offers small panel-mounted pushwheel code
switches, ideally suited for high density applications. They are used
for the controlling and programming of frequency synthesizers,
counters and timers, data comparators, security encoders, weighing
machines, etc. The dependable pushbutton action allows narrow
0.3 inch width on panel. Changes to higher or lower settings are
accomplished rapidly by successive operation of the appropriate
buttons. The featherweight PICOD is less than 0.6 inch high, yet
rugged enough for hand-held and portable instruments that may be
subjected to field abuse. Heavy gold plating on wiping contacts
affords low contact resistance for reliable operation over long
periods of service. Easy-to-read characters are viewed through
dust-sealed window. Installation costs are minimized by snap-
together design – no inconvenient hardware.
MATERIAL SPECIFICATIONS:
Fixed Contacts ..................................1 microns AU over Ni over Cu
Moving Contacts................................Gold-clad Ni over copper alloy
PC Board............................................FR4 Glass epoxy
Molded Parts ......................................Noryl-SE1, Black matte finish
Window..............................................Thermoplastic resin
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ..................................0.4 VA @ 20 VDC max.
Contact Circuit Resistance ................0.15 Ohm max.
Operating Force ................................Approx. 11 oz.
PC Terminal Spacing ........................0.100"
Character Height/Color.......................122" White (.094" for hex codes)
Life Expectancy ................................More than 105 operations
Operating temperature ......................-10° C to + 60° C
Front Mount
Wheel
Snap Detent
Description
Marks
PICOA
Spacer, 0.1" wide
PICOADP
Spacer, 0.1" wide, with decimal point
PICOBG
Spacer, 0.3" wide (same size as switch)
PICOP
End-plate pair
B5LS
5 pin connector with PC pins for AK types
B5L
5 pin connector with wire lug termination for AK types
ACCESSORIES
PICOD111AL
See Code Tables on Page J3
PICOD - 131 - AK
Codes
Connections
111 = Decimal
AK = pcb short
131 = BCD
AL = pcb long
137 = BCD Complement
LS = solder pin
301 = Hexadecimal
AL/D = pcb long, interrupted
307 = Hexa. Complement
ALU = pcb long downward
400 = Switch-over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com