Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 248 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 248 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 244Page - Tyco Electronics ADE10S Datasheet HTML 245Page - Tyco Electronics ADE10S Datasheet HTML 246Page - Tyco Electronics ADE10S Datasheet HTML 247Page - Tyco Electronics ADE10S Datasheet HTML 248Page - Tyco Electronics ADE10S Datasheet HTML 249Page - Tyco Electronics ADE10S Datasheet HTML 250Page - Tyco Electronics ADE10S Datasheet HTML 251Page - Tyco Electronics ADE10S Datasheet HTML 252Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 326 page
background image
DPS9 & DPS10 Series
J11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
Pushwheel Switches, Front Mount
DPS9 and DPS10 dual pushbutton code switches have identical
heights but differ in width. These switches provide silent, reliable
state-of-the-art bi-directional operation and can directly retrofit
common thumbwheel switches. The readout characters are up to
60% larger than those of comparable thumbwheels. DPS9 models
have the popular .315" per section width, and DPS10 types are
.395" wide.
A simple reliable dual pushbutton mechanism permits rapid
change to a higher or a lower numerical setting. Gold clad wiping
contacts provide dependable low-level operation and extended life
expectancy. Snap-togther modular design enables fast assembly
hardware. Wheel markings are protected by a dust-sealed window.
MATERIAL SPECIFICATIONS:
PC Board ……………………Glass epoxy type, FR4
PC Terminal Spacing ……….100" Centers on integral multiples
Character Height/Color ……See below
Housing ……………………Noryl-SE1, Black, matte finish
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ………………0.4 VA @ 20 VDC or Peak AC
Contact Circuit Resistance …0.20 Ohm max.
Mechanical Life ……………More than 106 operations
Operating Force ……………Approx. 16 oz.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ……(-20°C to +80°C)
DPS9
DPS10
1.22
(31.0)
PANEL
OPENING
PANEL
OPENING
N x .393 + .354
(N x 10.00 + 9.00)
N x .315 + .354
(N x 8.00 + 9.00)
1.22
(31.0)
DPS9 Model DPS10 Model
Description
DPS910A
DPS910A
Spacer, 0.1 inch
DPS10
*Dummy switch (no electrical function)
DPS9L
DPS10L
Spacer, same width as switch
**DPS910P
**DPS910P
End mounting plate pair
B12L
B12L
Connector, 12 contacts, solder lugs
B12LS
B12LS
Connector, 12 contacts, PC terminals
SP1.5
SP1.5
Limit stop pin for 10 position switch
* Indicates switch mechanically operable, optionally available with wheel in fixed position.; ** Indicates
sold in pairs only.
DPS9
DPS10
.315
(8.00)
1.30
(33.0)
.0.39
(9.90)
.268
(6.81)
HIGH
NUMBERS
.395
(10.0)
1.30
(33.0)
.0.39
(9.90)
.276
(7.01)
HIGH
NUMBERS
1.812
(46.0)
1.20
(30.5)
1.14
(29.0)
1.54
(39.0)
.276
(7.01)
.078
(1.98)
0.10
(2.54)
N
0.10
(2.54)
N
131AL
AL
AK
Character height . . .
Model DPS9 10 digit .268
16 digit .169
Model DPS10 10 digit .276
16 digit .169
See Code Tables on Page J3
ACCESSORIES
DPS9 - 131 - AK
Series/types
Codes
Connections
DPS9
111 = Decimal
AK = pcb short
DPS10
131 = BCD
AL = pcb long
137 = BCD Complement
LS = solder pin
301 = Hexadecimal
.236+.004
(6.0+1.0)
.022
(0.56)
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com