Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 247 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 247 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 243Page - Tyco Electronics ADE10S Datasheet HTML 244Page - Tyco Electronics ADE10S Datasheet HTML 245Page - Tyco Electronics ADE10S Datasheet HTML 246Page - Tyco Electronics ADE10S Datasheet HTML 247Page - Tyco Electronics ADE10S Datasheet HTML 248Page - Tyco Electronics ADE10S Datasheet HTML 249Page - Tyco Electronics ADE10S Datasheet HTML 250Page - Tyco Electronics ADE10S Datasheet HTML 251Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 326 page
background image
J10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
DPS8 Series
Pushwheel Switches, Mini, Rear Mount
See Code Tables on Page J3
MODULE ASSEMBLY
METHOD
DPS bi-directional code switches may be easily
assembled into groups of any number. Each
switch, spacer or end-plate pair has appropriate
snap-together assembly. No tools are required,
little time consumed.
Groups of DPS8 switches, with end-plates
mount into panel holes of the recommended size
using four screws plus nuts and washers.
Model
Description
DPS8A
Spacer .157" (4mm)
DPS8L
.315" spacer section
DPS8P
End mounting plates, decorative only (pair)
DPS8PW
End mounting plates, flanged with mounting holes (pair)
B9L
Connector, 9 contacts, solder lug terminals
B9LS
Connector, 9 contacts, pc terminals
B11LS
Connector, 11 contacts, PC terminals (for Code III Switch)
SP1.2
Limit stop pin for 10 position only.
MATERIAL SPECIFICATIONS
PC Board ................................Glass epoxy type, FR4
PC Terminal Spacing ..............DSP811: .079", 131,137, 141: .100"
Character Height/Color ..........0.193" White on black background
Housing ..................................Noryl-SE1, Black, matte finish
Operating Force ......................Approx. 14 oz.
TYPICAL PERFORMANCE CHARACTERISTICS
Contact Rating ………………0.4 VA @ 20 VDC or Peak AC
Contact Circuit Resistance …0.15 ohms max.
Mechanical Life ……………More than 106 operations
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ……(-20°C to +80°C)
The DPS8 Series is a compact, lower cost family of instrument
grade, pushbutton code switches for numerical input applications.
DPS8 models are similar in size to those of the SMCD Series and
also feature a fast-snap-together assembly with conventional
behind-the-panel mounting. A simple reliable bidirectional
pushbutton mechanism allows rapid changes to either higher or
lower numerical setting. Reliable performance in logic level
circuits and long service life are provided by gold clad wiping
contacts. A dust-sealed window protects the readout characters,
which are larger than those of comparable thumbwheel switches.
DPS8 switches have snap-action detent.
1
8
4
2
1
C
4
8
C
2
1
C
N x .315 + .354
(N x 8 + 9)
RECOMMENDED
PANEL HOLE
N x .315 + .630
(N x 8 + 16)
.551
(14.0)
.748
(19.0)
.134
(3.40)
DIA.
.709
(18.0)
.315
(8.00)
.138
(3.51)
.134
(3.40)
2.02
(51.3)
1.00
(25.4)
1.39
(35.4)
1.75
(44.4)
.945
(24.0)
N x 1.00
N x 2.54)
1.28
(32.4)
.280
(7.00)
SIDE VIEW
.016
(0.41)
N x .315 + .354
(N x 8.00 + 8.19)
.170
(4.20)
.031
(.787)
.354
(8.99)
TOP VIEW
BOARD TRACE DETAIL
0.10
(2.54)
.059
(1.50)
AK
.080
(2.03)
.295
(7.49)
.059
(1.50)
AL
.080
(2.03)
.315
(8.00)
.138
(3.51)
1.00
(25.4)
.134
(3.40)
.945
(24.0)
.709
(18.0)
.020
(0.56)
TYP.
.040
(1.00)
.028
(.74)
.058
(1.47)
AKU-LS
PC VERSIONS
.250
(6.40)
.220
(5.50)
.600
(15.2)
.260
(7.00)
.670
(17.0)
.040
(1.00)
131 LS CODE
301LS
CODE
400
CODE
.100
(2.54)
REAR MOUNT
AL
AK
ACCESSORIES
DPS8 - 131 - AK
Codes
Connections
111 = Decimal
AK = pcb short
131 = BCD
AL = pcb long
137 = BCD Complement
LS = solder pin
141 = BCD + Complement
AKU = pcb short downward
301 = Hexadecimal
ALU = pcb long downward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com