Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 174 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 174 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 170Page - Tyco Electronics ADE12 Datasheet HTML 171Page - Tyco Electronics ADE12 Datasheet HTML 172Page - Tyco Electronics ADE12 Datasheet HTML 173Page - Tyco Electronics ADE12 Datasheet HTML 174Page - Tyco Electronics ADE12 Datasheet HTML 175Page - Tyco Electronics ADE12 Datasheet HTML 176Page - Tyco Electronics ADE12 Datasheet HTML 177Page - Tyco Electronics ADE12 Datasheet HTML 178Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 326 page
background image
E29
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
Side Actuated Tactile Switches
E29
Tactile Switches, Side Actuated, Surface Mount
MATERIAL SPECIFICATIONS:
Case ..............................................Nylon 4/6, UL94V-0, Black
Stem/Actuator ..............................Nylon 4/6, UL94V-0, Black
Cover ............................................Stainless Steel
Contact Plate ................................Stainless Steel, Silver Clad Over
Nickel Plate
Terminal ......................................Copper Alloy, Silver Over Nickel Plate
Masking Tape ..............................Teflon
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ................-4° to +185°F (-20°to +85°C)
Storage Temperature ....................-22° to +185°F (-30°to +85°C)
Resistance to Solder Heat ............Per EIA-364-56A, procedure 4 and 5,
Level 3
Solderability ................................Per EIA-364-52, Class 2, Category 1,
Temp. 473°F (245°C) max., time 2.5 sec.
max., 95% min. coverage.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50mA @ 12 V DC
Initial Contact Resistance ........100MilliOhms Max
Insulation Resistance ..............100Megaohms @ 100VDC Min.
Dielectric Strength ..................500 VAC for 1 minute
Force ........................................160 (+70/-40gm)
Travel .......................................30 (+.1/-.2mm)
Life ..........................................Up to 100,000 Cycles
Tyco
Feature
Packaging
Electronics
1571262-1
W/O Boss
Bulk
1571262-2
W/O Boss
T&R
1571262-3
with Boss
Bulk
1571262-4
with Boss
T&R
.134
(3.40)
.236
(6.00)
.291
(7.40)
.010
(.250)
.071
(1.80)
.189
(4.80)
.118
(3.00)
.035
(.900)
.079
(2.00)
.157
(4.00)
.287
(7.30)
.059
(1.50)
.118
(3.00)
LOCATING BOSS
.094
(2.40)
.268 (6.80)
.177 (4.50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com