Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 175 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 175 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 171Page - Tyco Electronics ADE12 Datasheet HTML 172Page - Tyco Electronics ADE12 Datasheet HTML 173Page - Tyco Electronics ADE12 Datasheet HTML 174Page - Tyco Electronics ADE12 Datasheet HTML 175Page - Tyco Electronics ADE12 Datasheet HTML 176Page - Tyco Electronics ADE12 Datasheet HTML 177Page - Tyco Electronics ADE12 Datasheet HTML 178Page - Tyco Electronics ADE12 Datasheet HTML 179Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 326 page
background image
Multi-Directional Tactile Switches
Multi-Directional Actuation
E30
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
MATERIAL SPECIFICATIONS:
Contact ....................................Copper alloy - silver clad/nickel
Case Material ..........................Nylon - UL 94-HB, Black
Actuator Material ....................Nylon - UL 94-HB, Black
Terminals/Fixed Contact ........Copper alloy - plate silver
clad/nickel
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ..........-13° to 158°F (-25° to +70°C)
Storage Temperature ..............-40° to 185°F (-40° to +85°C)
Solder Heat Resistance............Per EIA-364-56A, Procedure 4 and
5, Level 3
Solderability ............................Per EIA-364-52, Class 2 Cat. 1,
temp. 255° max., time 5 seconds
max. 95% min. coverage
TYPICAL PERFORMANCE CHARACTERISTICS
Contact Rating ........................20mA@15VDC
Initial Contact Resistance........100 Milliohms max.
Insulation Resistance ..............100 Megohm min.
Dielectric Strength ..................100 VAC for 1 min.
Life Expectancy ......................Up to 50,000 Cycles
Actuation Force ......................500±150 gf (center push),
200±100 gf (4-directional)
Actuation Travel......................0.039 (1.0) ±.012 (.3) (4-directional),
0.315 (8.0) ±2° (4-directional)
MATERIAL SPECIFICATIONS:
Contacts..................................Stainless steel, plate silver
clad/nickel
Case Material ........................Nylon - UL 94-HB, Black
Actuator Material ..................PBT, UL 94-HB
Terminals/Fixed Contacts ......Copper alloy - plate silver/nickel
Environmental Specifications
Operating Temperature ..........-13° to 158°F (-25° to +70°C)
Storage Temperature..............-40° to 185°F (-40° to +85°C)
Solder Heat Resistance ..........Per EIA-364-56A, Procedure 3,
Condition B
Solderability ..........................Per EIA-364-52, Class 2 Cat. 1,
temp. 255° max., time 5 seconds
max. 95% min. coverage
TYPICAL PERFORMANCE CHARACTERISTICS
Contact Rating ......................20mA@15VDC
Initial Contact Resistance ......100 Milliohms max.
Insulation Resistance ............100 Megohm min.
Dielectric Strength ................100 VAC for 1 min.
Life Expectancy ....................Up to 50,000 Cycles
Actuation Force ......................350±100 gf (center push),
200±70/-50 gf (4-directional)
Actuation Travel......................0.010 (.25) ±.008 (.2) (center push),
0.197 (5.0) ±1° (4-directional)
Tyco
Dimension
Electronics
L
1571514-1
.559 (14.2)
1571514-2
.480 (12.2)
1571514-3
.413 (10.5)
.559
(14.2)
.256
(6.50)
.197
(5.00)
.024
Max.
(0.60)
.004
(0.10)
.118
(3.0)
.276
(7.0)
.646
(16.4)
12.9
(.508)
3.6
(.142)
10.0
(.394)
12.4
(.488)
12.4
(.488)
.9
(.035)
8.0
(.315)
8.0
(.315)
5.0
(.197)
12.9
(.508)
6.0
(.236)
8.0
(.315)
1.0
(.039)
1.4
(.055)
1.0
(.039)
2.65
(.104)
5°±1°
5°±1°
5.7
(.224)
1.6
(.063)
3.2
(.126)
2.0
(.079)
.30
(.012)
.80
(.031)
.30
(.012) 6.0
(.236)
.504
(12.8)
.426
(10.8)
.098
(2.5)
.489
(12.4)
.315
(8.0)
.035
(0.9)
.493
(12.5)
.512
(13.0)
.236
(6.0)
.126
(3.2)
.276
(7.0)
.378
(9.6)
.670
(17.0)
.075
(1.9)
.063
(1.6)
.240
(6.1)
.236
(6.0)
.390
(9.9)
.098
(2.5)
.130
(3.3)
.091
(2.3)
.051
(1.3)
.051
(1.3)
Part Number 1571515-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com