Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 203 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 203 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 199Page - Tyco Electronics ADE12 Datasheet HTML 200Page - Tyco Electronics ADE12 Datasheet HTML 201Page - Tyco Electronics ADE12 Datasheet HTML 202Page - Tyco Electronics ADE12 Datasheet HTML 203Page - Tyco Electronics ADE12 Datasheet HTML 204Page - Tyco Electronics ADE12 Datasheet HTML 205Page - Tyco Electronics ADE12 Datasheet HTML 206Page - Tyco Electronics ADE12 Datasheet HTML 207Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 326 page
background image
G4
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
0.30
(7.62)
0.14
(3.56)
0.47
(11.9)
0.50
(12.7)
.040
(1.02)
0.31
(7.87)
.031
(0.79)
1
12
2
1
1
2
3
3
3
3
3
4
4
15
°
TYP.
4
4
2
1
1
2
2
3
1
2
2
c
c
c
c
1
2
3
2
3
3
2
15
°
TYP.
2
3
1
2
4
3
1
1
c
c
c
c
1
1
2
15
°
TYP.
c
1
2
11
9
3
7
4
MRJB112
MRJB26
MRJB34
MRJB43
15
°
TYP.
8
12
5
10
6
c
6
5
4
6
5
MRJ Series
Rotary Switches, .4VA, PC Mount, 30° Throw
MATERIAL SPECIFICATIONS:
Contacts..............................................Gold plate over nickel plate
Case Material ....................................Zinc die cast
Actuator Material ..............................Brass
Terminals/Fixed Contacts..................Gold plated
Terminal Seal ....................................Molded-in epoxy base
Process Seal ......................................MRJB and MRJE
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ......................-4°F to +158°F (-20°C to +70°C)
Storage Temperature..........................-4°F to +158°F (-20°C to +70°C)
Solder Heat Resistance ......................285°C ±3C for 15 seconds
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ..................................0.4VA max. @ 20 VDC or peak AC
Initial Contact Resistance ..................30 Milliohms max.
Contact Timing ..................................Non-shorting
Insulation Resistance ........................10,000 Megohms min.
Dielectric Strength ............................1,000 Volts RMS @ sea level
Actuation Force..................................14 Inch oz. max.
Plunger/Actuator Travel ....................30°
Life Expectancy ................................Up to 10,000 Cycles @ full contact
ratng
Up to 30,000 Cycles @ 0.1 mA, 12
VDC
30° ANGLE OF
THROW
Application Note: Set stop positions by presetting external pin plate provided.
MRJ26
SPLASHPROOF
30° ANGLE OF THROW
MRJB26
SPLASHPROOF
30° ANGLE OF THROW
MRJE26
1
1
2
3
3
3
3
3
4
4
15
°
TYP.
4
4
2
1
1
2
2
3
1
2
2
c
c
c
c
1
2
3
2
3
3
2
15
°
TYP.
2
3
1
2
4
3
1
1
c
c
c
c
1
1
2
15
°
TYP.
c
1
2
11
9
3
7
4
MRJ112
MRJ26
MRJ34
MRJ43
15
°
TYP.
8
12
5
10
6
c
6
5
4
6
5
0.44
(11.2)
0.14
(3.56)
0.47
(11.9)
0.50
(12.7)
.040
(1.02)
0.75
(19.0)
0.26
(6.60)
0.21
(5.33)
.031
(.787)
0.13
(3.30)
DIA.
1/4-40 UNS-2A
0.32
(8.13)
0.14
(3.56)
0.47
(11.9)
0.50
(12.7)
0.75
(19.0)
0.26
(6.60)
0.13
(3.30)
DIA.
1
1
2
3
3
3
3
3
4
4
15
°
TYP.
4
4
2
1
1
2
2
3
1
2
2
c
c
c
c
1
2
3
2
3
3
2
15
°
TYP.
2
3
1
2
4
3
1
1
c
c
c
c
1
1
2
15
°
TYP.
c
1
2
11
9
3
7
4
MRJE112
MRJE26
MRJE34
MRJE43
15
°
TYP.
8
12
5
10
6
c
6
5
4
6
5
.040
(1.02)
0.21
(5.33)
.031
(.787)
1/4-40 UNS-2A
Part Number
Tyco Electronics Alcoswitch No. Poles
Positions
Description
1-1437629-7
MRJE112
1 Pole
12 Continuous Rotation
1-1437629-8
MRJE26
2 Poles
6 Fixed
Waterproof Seal on
1-1437629-9
MRJE34
3 Poles
4 Fixed
Shaft, Bushing & Base
2-1437629-0
MRJE43
4 Poles
3 Fixed
Part Number
Tyco Electronics Alcoswitch No. Poles
Positions
Description
1-1437629-3
MRJB112
1 Pole
12 Continuous Rotation
1-1437629-4
MRJB26
2 Poles
6 Fixed
Waterproof Seal on
1-1437629-5
MRJB34
3 Poles
4 Fixed
Shaft, Bushing & Base
1-1437629-6
MRJB43
4 Poles
3 Fixed
¯ .472
BC
15¡
(6X)
45¡ (4X)
30¡
(2X)
¯ .030
(13X)
¯ .472
BC
15¡
(8X)
45¡ (4X)
30¡ (3X)
¯ .030
(14X)
30¡
¯ .472
BC
15¡
(10X)
45¡ (4X)
¯ .030
(15X)
¯ .472
BC
15¡
(12X)
45¡ (4X)
¯ .030
(16X)
1-12
2-6
3-4
4-3
¯ .472
BC
15¡
(6X)
45¡ (4X)
30¡
(2X)
¯ .030
(13X)
¯ .472
BC
15¡
(8X)
45¡ (4X)
30¡ (3X)
¯ .030
(14X)
30¡
¯ .472
BC
15¡
(10X)
45¡ (4X)
¯ .030
(15X)
¯ .472
BC
15¡
(12X)
45¡ (4X)
¯ .030
(16X)
1-12
2-6
3-4
4-3
¯ .472
BC
15¡
(6X)
45¡ (4X)
30¡
(2X)
¯ .030
(13X)
¯ .472
BC
15¡
(8X)
45¡ (4X)
30¡ (3X)
¯ .030
(14X)
30¡
¯ .472
BC
15¡
(10X)
45¡ (4X)
¯ .030
(15X)
¯ .472
BC
15¡
(12X)
45¡ (4X)
¯ .030
(16X)
1-12
2-6
3-4
4-3
¯ .472
BC
15¡
(6X)
45¡ (4X)
30¡
(2X)
¯ .030
(13X)
¯ .472
BC
15¡
(8X)
45¡ (4X)
30¡ (3X)
¯ .030
(14X)
30¡
¯ .472
BC
15¡
(10X)
45¡ (4X)
¯ .030
(15X)
¯ .472
BC
15¡
(12X)
45¡ (4X)
¯ .030
(16X)
1-12
2-6
3-4
4-3
Part Number
Tyco Electronics Alcoswitch
No. Poles
Positions
Description
1437629-9
*MRJ112
1 Pole
2 to 12, Adjustable
1-1437629-0
MRJ26
2 Poles
2 to 6, Adjustable
3/4" long, 1/8"
1-1437629-1
MRJ34
3 Poles
2 to 4, Adjustable
Diameter shaft.
1-1437629-2
MRJ43
4 Poles
2 to 3, Adjustable
* Also usable as continuous rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com