Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 205 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 205 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 201Page - Tyco Electronics ADE12 Datasheet HTML 202Page - Tyco Electronics ADE12 Datasheet HTML 203Page - Tyco Electronics ADE12 Datasheet HTML 204Page - Tyco Electronics ADE12 Datasheet HTML 205Page - Tyco Electronics ADE12 Datasheet HTML 206Page - Tyco Electronics ADE12 Datasheet HTML 207Page - Tyco Electronics ADE12 Datasheet HTML 208Page - Tyco Electronics ADE12 Datasheet HTML 209Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 326 page
background image
G6
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
6000 Series
Rotary Switches, PC Mount, 8 or 10 Positions
10-POSITION
BINARY CODED DECIMAL (BCD)
Screwdriver/Coin Actuated
Part No. 435174-1
Bar-Type Knob
Part No. 1- 435174-1 (Shown)
Switch
Common to:
Position
12
3
0
1
•
2
•
3
••
4
•
5
••
6
••
7
•••
Switch
Common to:
Position
1
2
4
8
0
1
•
2
•
3
••
4
•
5
••
6
• •
7
•••
8
•
9
•
•
Recommended PC Board Hole Pattern
(Switch Side)
AG 41582D
AMP
41582D.p29 il
3/7/91
Datum for
Slotted &
Bar Switches
Indexing Cursor
for Thumbwheel
Switch
.065 ± .001
[1.65 ± 0.03]
Dia. (5)
45°
15°
2
1
36°
.460 ± .010
[11.68 ± 0.25]
Dia.
This Hole for
Mechanical
Stability
60°
C
4
Recommended PC Board Hole Pattern
(Switch Side)
.065 ± .001
[1.65 ± 0.03]
Dia. (5)
45¡
15¡
2
8
1
.460 ± .010
[11.68 ± 0.25]
Dia.
60¡
C
4
.750
[19.05]
Dia.
.190
[4.83]
.370
[9.40]
.220
[5.59]
.750
[19.05]
Dia.
.220
[5.59]
.190
[4.83]
.750
[19.05]
Dia.
.190
[4.83]
.220
[5.59]
.810
[20.57]
Dia.
.190
[4.83]
.360
[9.14]
.950
[24.13]
Dia.
Thumbwheel
Part No. 435128-1
.750
[19.05]
Dia.
.190
[4.83]
.220
[5.59]
.370
[9.40]
8-POSITION
BINARY CODED OCTAL (BCO)
Bar-Type Knob
Part No. 435123-1
Screwdriver/Coin Actuated
Part No. 435005-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com