Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 245 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 245 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 241Page - Tyco Electronics ADE12 Datasheet HTML 242Page - Tyco Electronics ADE12 Datasheet HTML 243Page - Tyco Electronics ADE12 Datasheet HTML 244Page - Tyco Electronics ADE12 Datasheet HTML 245Page - Tyco Electronics ADE12 Datasheet HTML 246Page - Tyco Electronics ADE12 Datasheet HTML 247Page - Tyco Electronics ADE12 Datasheet HTML 248Page - Tyco Electronics ADE12 Datasheet HTML 249Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 326 page
background image
J8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
PICOD Series
Pushwheel Switches, Options
3.10
(.122)
HIGH
NUMERALS
.070 x .140
(1.80 x 3.60)
PUSHBUTTON
.591
(15.0)
.200
(5.08)
.300
(7.62)
.709
(18.0)
(AK TYPES)
.945
(24.0)
(AL & AL/D TYPES)
1.36
(34.5)
.051
(1.30)
.150
(3.81)
.551
(14.0)
CODES 131,
137,301
CODES 131,
137,301
-AK-
-ALD-
-111AL- Only
.300
(7.62)
.590
(15.0)
.160
(4.10)
.030
(.070)
PICOD
131ALULS
1.36
(34.5)
.709
(18.0)
.551
(14.0)
.551
(14.0)
.100
(2.59)
.022
(.559)
12 4 8 C
28 C 1 4
C1 2 4 8
PICOD
137ALULS
PICOD
301ALULS
AL TYPES
ALD TYPES
.098
(2.99)
.070
(1.78)
.039
(.991)
DIA. TYP.
.059
(1.50)
.039
(.991)
DIA. TYP.
098
(2.99)
.070
(1.78)
.059
(1.50)
.119
(3.02)
.295
(7.49)
BOARD TRACE DETAIL
Connector with PC terminals for PICO family
switches with AK terminal configuration.
B5LS
PICOD
n x .300 + .126
(n x 7.62 + 3.29)
n = Number of Switches
Panel Thickness
1.0m
to
2.0m
.04
.08
FRONT MOUNT
PANEL OPENING DIMENSIONS
.559
(14.2)
PICOD
PICOD
-AL-
-ALU-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com