Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 246 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 246 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 242Page - Tyco Electronics ADE12 Datasheet HTML 243Page - Tyco Electronics ADE12 Datasheet HTML 244Page - Tyco Electronics ADE12 Datasheet HTML 245Page - Tyco Electronics ADE12 Datasheet HTML 246Page - Tyco Electronics ADE12 Datasheet HTML 247Page - Tyco Electronics ADE12 Datasheet HTML 248Page - Tyco Electronics ADE12 Datasheet HTML 249Page - Tyco Electronics ADE12 Datasheet HTML 250Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 326 page
background image
SMCD Series
J9
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
Pushwheel Switches, Mini, Front Mount
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ......................................0.4 VA @ 20 VDC or Peak AC
Contact Circuit Resistance ....................0.12 Ohm max. (Total internal ckt. res.)
Mechanical Life ....................................More than 106 operations
Operational Force ..................................Approx. 14 oz.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ......................(-20°C to +80°C)
MATERIAL SPECIFICATIONS:
PC Board............................................Glass epoxy type, FR4
PC Terminals ....................................Gold over Ni on Cu
Character Height/Color......................White on black background
SMC .197/.134; SMCD .193/.134
Except 301 & SG558: .140 and
SG557 .120
Molded parts ......................................Noryl-SE1, Black matte finish
Housing ..............................................Black matte finish
SMCD Series have large visible readout characters despite it's small
size. This popular family is used in measurement and test
instrumentation for range setting, data programming and count
controlling; and in communications equipment for digital tuning. The
simple, reliable bi-direction pushbutton mechanism permits rapid
changes to either higher or lower numerical settings. Instrument-grade
performance and long service life are enhanced by the heavy gold
wiping contacts. Large readout characters are protected by dust-sealed
windows. Snap-together grouping and snap-in panel mounting
minimize installation time and cost. SMCD models have snap detent
with slight audible click.
SMCD bi-directional code switches may be easily assembled into
groups of any number. The tabs or pins of one decade section press fit
into the holes in the adjacent section. Spacers and end mounting plates
may be included in the same manner as desired.
Groups of SMCD switches with end plates snap into panel holes of the
recommended size and are retained by plastic clips. Again, tools and
additional hardware items are not required.
1
SMCD .193/.139
EXCEPT 301: .140
0.20
(5.08)
HIGH
NUMBERS
.300
(7.62)
.280
(7.11)
.945
(24.0)
.232
(5.89)
1.89
(48.0)
.866
(22.0)
8
1.02
(26.0)
1.26
(32.0)
AK TYPES
1.66
(42.1)
AL & AL/D TYPES
BOARD TRACE DETAIL
AK TYPES
.098
(2.49)
.039
(.991)
DIA.
TYP.
.059
(1.50)
.060
(1.52)
AL TYPES
.295
(7.49)
.295
(7.49)
.098
(2.49)
.039
(0.99)
DIA. TYP.
.059
(1.50)
.060
(1.52)
ALD TYPES
.098
(2.49)
.039
(.0.99)
DIA. TYP.
.059
(1.50)
.060
(1.52)
.886
(22.5)
N X .300
+.138
WHERE n IS THE NUMBER OF SWITCHES
SIDE VIEW
SWITCH SHOWN WITH END MOUNTING PLATE
P/N SMCPK (PAIR)
TOP VIEW
0.30 x n + 0.13
(7.6 x n + 3.30)
0.30
(7.60) TYP.
0.04
(1.00)
TYP.
0.06
(1.50)
0.04 TO 0.13
(1.00 TO 3.30)
PANEL THICKNESS
RANGE
0.3 x n + 0.24
(7.6 x n + 6.10)
RECOMMENDED
PANEL HOLE
Model
Description
SMCPK
End mounting plates (pair)
SMCL
300" spacer section
SMCA
.100" spacer (with mounting clips)
SMCADP
.100" spacer, decimal point (with mounting clips)
B9L
Connector, 9 contacts, solder lug terminals
B9LS
Connector, 9 contacts, PC pins
B9LS5PIN
Connector, 5 contacts, PC pins
B11LS
Connectors, 11 contacts, PC pins (for 111)
SP1.2
Limit stop pin for SMD 10 position only
See Code Tables on Page J3
SMCD - 131 - AK
Codes
Connections
111 = Decimal
AK = pcb short
131 = BCD
AL = pcb long
137 = BCD Complement
LS = solder pin
141 = BCD + Complement
ALU = pcb long downward
301 = Hexadecimal
.236+.004
(6.0+1.0)
.022
(0.56)
AK
AL
ALU
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com