Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 4 Page - Analog Devices

  AD7910ARMZ2 Datasheet HTML 1Page - Analog Devices AD7910ARMZ2 Datasheet HTML 2Page - Analog Devices AD7910ARMZ2 Datasheet HTML 3Page - Analog Devices AD7910ARMZ2 Datasheet HTML 4Page - Analog Devices AD7910ARMZ2 Datasheet HTML 5Page - Analog Devices AD7910ARMZ2 Datasheet HTML 6Page - Analog Devices AD7910ARMZ2 Datasheet HTML 7Page - Analog Devices AD7910ARMZ2 Datasheet HTML 8Page - Analog Devices AD7910ARMZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7910/AD7920
Rev. C | Page 4 of 24
Parameter1
A Grade1, 2
Unit
Test Conditions/Comments
Power Dissipation6
Normal Mode (Operational)
15
mW max
VDD = 5 V, fSAMPLE = 250 kSPS
4.2
mW max
VDD = 3 V, fSAMPLE = 250 kSPS
Full Power-Down
5
μW max
VDD = 5 V
3
μW max
VDD = 3 V
1 Temperature range from −40°C to +85°C.
2 Operational from VDD = 2.0 V, with input high voltage (VINH) 1.8 V min.
3 See the Terminology section.
4 SC70 values guaranteed by characterization.
5 Guaranteed by characterization.
6 See the Power vs. Throughput Rate section.
AD7920
VDD = 2.35 V to 5.25 V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
A Grade ,
1 2
B Grade1, 2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz sine wave
Signal-to-Noise + Distortion (SINAD)3
70
70
dB min
VDD = 2.35 V to 3.6 V, TA = 25°C
69
69
dB min
VDD = 2.4 V to 3.6 V
71.5
71.5
dB typ
VDD = 2.35 V to 3.6 V
69
69
dB min
VDD = 4.75 V to 5.25 V, TA = 25°C
68
68
dB min
VDD = 4.75 V to 5.25 V
Signal-to-Noise Ratio (SNR)3
71
71
dB min
VDD = 2.35 V to 3.6 V, TA = 25°C
70
70
dB min
VDD = 2.4 V to 3.6 V
70
70
dB min
VDD = 4.75 V to 5.25 V, TA = 25°C
69
69
dB min
VDD = 4.75 V to 5.25 V
Total Harmonic Distortion (THD)3
−80
−80
dB typ
Peak Harmonic or Spurious Noise (SFDR)3
−82
−82
dB typ
Intermodulation Distortion (IMD)3
Second-Order Terms
−84
−84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Third-Order Terms
−84
−84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Aperture Delay
10
10
ns typ
Aperture Jitter
30
30
ps typ
Full Power Bandwidth
13.5
13.5
MHz typ
@ 3 dB
2
2
MHz typ
@ 0.1 dB
DC ACCURACY
B Grade4
Resolution
12
12
Bits
Integral Nonlinearity3
±1.5
LSB max
± 0.75
LSB typ
Differential Nonlinearity
−0.9/+1.5
LSB max
Guaranteed no missed codes to 12 bits
±0.75
LSB typ
Offset Error3, 5
±1.5
LSB max
±1.5
±0.2
LSB typ
Gain Error3, 5
±1.5
LSB max
±1.5
±0.5
LSB typ
Total Unadjusted Error (TUE)3, 5
±2
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
0 to VDD
V
DC Leakage Current
±0.5
±0.5
μA max
Input Capacitance
20
20
pF typ
Track-and-hold in track, 6 pF typ when in hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com