Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 3Page - Analog Devices AD7910ARMZ2 Datasheet HTML 4Page - Analog Devices AD7910ARMZ2 Datasheet HTML 5Page - Analog Devices AD7910ARMZ2 Datasheet HTML 6Page - Analog Devices AD7910ARMZ2 Datasheet HTML 7Page - Analog Devices AD7910ARMZ2 Datasheet HTML 8Page - Analog Devices AD7910ARMZ2 Datasheet HTML 9Page - Analog Devices AD7910ARMZ2 Datasheet HTML 10Page - Analog Devices AD7910ARMZ2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7910/AD7920
Rev. C | Page 7 of 24
TIMING EXAMPLES
Figure 3 and Figure 4 show some of the timing parameters from
Table 3.
TIMING EXAMPLE 1
From Figure 4, having fSCLK = 5 MHz and a throughput rate of
250 kSPS gives a cycle time of t2 + 12.5(1/fSCLK) + tACQ = 4 μs.
With t2 = 10 ns min, this leaves tACQ to be 1.49 μs. This 1.49 μs
satisfies the requirement of 250 ns for tACQ. From Figure 4, tACQ
comprises 2.5(1/fSCLK) + t8 + tQUIET, where t8 = 36 ns max. This
allows a value of 954 ns for tQUIET, satisfying the minimum
requirement of 50 ns.
TIMING EXAMPLE 2
The AD7920 can also operate with slower clock frequencies.
From Figure 4, having fSCLK = 3.4 MHz and a throughput rate of
150 kSPS gives a cycle time of t2 + 12.5(1/fSCLK) + tACQ = 6.66 μs.
With t2 = 10 ns min, this leaves tACQ to be 2.97 μs. This 2.97 μs
satisfies the requirement of 250 ns for tACQ. From Figure 4, tACQ
comprises 2.5(1/fSCLK) + t8 + tQUIET, t8 = 36 ns max. This allows a
value of 2.19 μs for tQUIET, satisfying the minimum requirement
of 50 ns. As in this example and with other slower clock values,
the signal may already be acquired before the conversion is
complete, but it is still necessary to leave 50 ns minimum tQUIET
between conversions. In this example, the signal should be fully
acquired at approximately Point C in Figure 4.
CS
SCLK
SDATA
t2
t6
t3
t4
t7
t5
t8
tCONVERT
tQUIET
ZERO
ZERO
ZERO
DB11
DB10
DB2
DB1
DB0
B
THREE-STATE
THREE-
STATE
Z
4 LEADING ZEROS
12
3
4
5
13
14
15
16
t1
Figure 3. AD7920 Serial Interface Timing Diagram
CS
SCLK
t2
tCONVERT
B
12
3
4
5
13
14
15
16
C
t8
tQUIET
tACQ
12.5(1/fSCLK)
1/THROUGHPUT
Figure 4. Serial Interface Timing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com