Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 5Page - Analog Devices AD7910ARMZ2 Datasheet HTML 6Page - Analog Devices AD7910ARMZ2 Datasheet HTML 7Page - Analog Devices AD7910ARMZ2 Datasheet HTML 8Page - Analog Devices AD7910ARMZ2 Datasheet HTML 9Page - Analog Devices AD7910ARMZ2 Datasheet HTML 10Page - Analog Devices AD7910ARMZ2 Datasheet HTML 11Page - Analog Devices AD7910ARMZ2 Datasheet HTML 12Page - Analog Devices AD7910ARMZ2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7910/AD7920
Rev. C | Page 9 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
GND
2
VIN 3
CS
6
SDATA
5
SCLK
4
AD7910/
AD7920
TOP VIEW
(Not to Scale)
Figure 5. 6-Lead SC70 Pin Configuration
VDD 1
SDATA
2
CS
3
NC
4
VIN
8
GND
7
SCLK
6
NC
5
NC = NO CONNECT
AD7910/
AD7920
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead MSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
6-Lead
SC70
Pin No.
8-Lead
MSOP
Mnemonic
Description
6
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7910/AD7920 and framing the serial data transfer.
1
1
VDD
Power Supply Input. The VDD range for the AD7910/AD7920 is from 2.35 V to 5.25 V.
2
7
GND
Analog Ground. Ground reference point for all circuitry on the AD7910/AD7920. All analog input signals
should be referred to this GND voltage.
3
8
VIN
Analog Input. Single-ended analog input channel. The input range is 0 to VDD.
5
2
SDATA
Data Out. Logic output. The conversion result from the AD7910/AD7920 is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from
the AD7920 consists of four leading zeros followed by the 12 bits of conversion data, which is provided
MSB first. The data stream from the AD7910 consists of four leading zeros followed by the 10 bits of
conversion data followed by two trailing zeros, which is also provided MSB first.
4
6
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input
is also used as the clock source for the AD7910/AD7920 conversion process.
N/A
4, 5
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com