Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 6Page - Analog Devices AD7910ARMZ2 Datasheet HTML 7Page - Analog Devices AD7910ARMZ2 Datasheet HTML 8Page - Analog Devices AD7910ARMZ2 Datasheet HTML 9Page - Analog Devices AD7910ARMZ2 Datasheet HTML 10Page - Analog Devices AD7910ARMZ2 Datasheet HTML 11Page - Analog Devices AD7910ARMZ2 Datasheet HTML 12Page - Analog Devices AD7910ARMZ2 Datasheet HTML 13Page - Analog Devices AD7910ARMZ2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7910/AD7920
Rev. C | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7 and Figure 8 show a typical FFT plot for the AD7920 and
AD7910, respectively, at a 250 kSPS sampling rate and a 100 kHz
input frequency.
Figure 9 shows the signal-to-(noise + distortion) ratio performance
vs. input frequency for various supply voltages while sampling at
250 kSPS with an SCLK frequency of 5 MHz for the AD7920.
Figure 10 and Figure 11 show typical INL and DNL performance
for the AD7920.
Figure 12 shows a graph of the total harmonic distortion vs. analog
input frequency for different source impedances when using a
supply voltage of 3.6 V and sampling at a rate of 250 kSPS. See the
Analog Input section.
Figure 13 shows a graph of the total harmonic distortion vs.
analog input signal frequency for various supply voltages while
sampling at 250 kSPS with an SCLK frequency of 5 MHz.
FREQUENCY (kHz)
–5
–55
–115
0
125
25
50
75
100
–15
–35
–75
–95
8192 POINT FFT
VDD = 2.7V
fSAMPLE = 250kSPS
fIN = 100kHz
SINAD = 72.05dB
THD = –82.87dB
SFDR = –87.24dB
Figure 7. AD7920 Dynamic Performance at 250 kSPS
FREQUENCY (kHz)
–45
–105
–5
15
–25
–65
–85
0
125
25
50
75
100
8192 POINT FFT
VDD = 2.35V
fSAMPLE = 250kSPS
fIN = 100kHz
SINAD = 61.67dB
THD = –79.59dB
SFDR = –82.93dB
Figure 8. AD7910 Dynamic Performance at 250 kSPS
FREQUENCY (kHz)
–72.0
10
1000
100
–73.0
–73.5
VDD = 5.25V
VDD = 2.35V
VDD = 2.7V
VDD = 4.75V V
DD = 3.6V
–72.5
–71.0
–71.5
Figure 9. AD7920 SINAD vs. Input Frequency at 250 kSPS
CODE
1.0
0.4
–0.2
0
1024
512
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
1536
2048
2560
3072
3584
4096
VDD = 2.35V
TEMP = 25
°C
fSAMPLE = 250kSPS
Figure 10. AD7920 INL Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com