Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 12Page - Analog Devices AD7910ARMZ2 Datasheet HTML 13Page - Analog Devices AD7910ARMZ2 Datasheet HTML 14Page - Analog Devices AD7910ARMZ2 Datasheet HTML 15Page - Analog Devices AD7910ARMZ2 Datasheet HTML 16Page - Analog Devices AD7910ARMZ2 Datasheet HTML 17Page - Analog Devices AD7910ARMZ2 Datasheet HTML 18Page - Analog Devices AD7910ARMZ2 Datasheet HTML 19Page - Analog Devices AD7910ARMZ2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7910/AD7920
Rev. C | Page 16 of 24
MODES OF OPERATION
The mode of operation of the AD7910/AD7920 is selected by
controlling the logic state of the CS signal during a conversion.
There are two possible modes of operation, normal mode and
power-down mode. The point at which CS is pulled high after
the conversion is initiated determines whether the
AD7910/AD7920 enters power-down mode. Similarly, if the
device is already in power-down mode, CS can control whether
it returns to normal operation or remains in power-down
mode. These modes of operation are designed to provide
flexible power management options. These options can be
chosen to optimize the power dissipation/throughput rate ratio
for different application requirements.
NORMAL MODE
This mode is intended for fastest throughput rate performance
because the user does not have to worry about any power-up
times; the AD7910/AD7920 remains fully powered all the time.
Figure 19 shows the general diagram of the operation of the
AD7910/AD7920 in this mode.
The conversion is initiated on the falling edge of CS as
described in the Serial Interface section. To ensure that the part
remains fully powered up at all times, CS must remain low until
at least 10 SCLK falling edges have elapsed after the falling edge
of CS. If CS is brought high any time after the tenth SCLK
falling edge but before the end of the tCONVERT, then the part
remains powered up but the conversion is terminated and
SDATA goes back into three-state.
For the AD7920, 16 serial clock cycles are required to complete
the conversion and access the complete conversion result. For
the AD7910, a minimum of 14 serial clock cycles is required to
complete the conversion and access the complete conversion
result.
CS can idle high until the next conversion or can idle low until
CS returns high sometime prior to the next conversion,
effectively idling CS low.
Once a data transfer is complete (SDATA has returned to three-
state), another conversion can be initiated after the quiet time,
tQUIET, has elapsed by bringing CS low again.
POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered down
between conversions, or a series of conversions can be
performed at a high throughput rate and the ADC is powered
down for a relatively long duration between these bursts of
several conversions. When the AD7910/AD7920 is in power-
down mode, all analog circuitry is powered down.
To enter power-down mode, the conversion process must be
interrupted by bringing CS high anywhere after the second
falling edge of SCLK, and before the tenth falling edge of SCLK,
as shown in Figure 20. Once CS is brought high in this window
of SCLKs, the part enters power-down mode, the conversion
that was initiated by the falling edge of CS is terminated, and
SDATA goes back into three-state. If CS is brought high before
the second SCLK falling edge, the part remains in normal mode
and does not power down. This avoids accidental power-down
due to glitches on the CS line.
To exit this mode of operation and power up the AD7910/
AD7920 again, a dummy conversion is performed. On the falling
edge of CS, the device begins to power up, and continues to
power up as long as CS is held low until after the falling edge of
the tenth SCLK. The device is fully powered up once 16 SCLKs
have elapsed and valid data results from the next conversion, as
shown in Figure 21. If CS is brought high before the tenth SCLK
falling edge, the AD7910/AD7920 goes back into power-down
mode again. This avoids accidental power-up due to glitches on
the CS line or an inadvertent burst of eight SCLK cycles while CS
is low. Although the device can begin to power up on the falling
edge of CS, it powers down again on the rising edge of CS as long
as it occurs before the tenth SCLK falling edge.
POWER-UP TIME
The power-up time of the AD7910/AD7920 is 1 μs, which
means that one dummy cycle is always sufficient to allow the
device to power up. Once the dummy cycle is complete, the
ADC fully powered up and the input signal acquired properly.
The quiet time, tQUIET, must still be allowed from the point
where the bus goes back into three-state after the dummy
conversion, to the next falling edge of CS.
When powering up from the power-down mode with a dummy
cycle, as in Figure 21, the track-and-hold that was in hold mode
while the part was powered down returns to track mode after
the first SCLK edge the part receives after the falling edge of CS.
This is shown as Point A in Figure 21. Although at any SCLK
frequency one dummy cycle is sufficient to power up the device
and acquire VIN, it does not necessarily mean that a full dummy
cycle of 16 SCLKs must always elapse to power up the device
and fully acquire VIN; 1 μs is sufficient to power the device up
and acquire the input signal. Therefore, if a 5 MHz SCLK
frequency is applied to the ADC, the cycle time is 3.2 μs. In one
dummy cycle, 3.2 μs, the part powers up and VIN is fully
acquired. However, after 1 μs with a 5 MHz SCLK, only five
SCLK cycles have elapsed. At this stage, the ADC is fully
powered up and the signal is acquired. In this case, the CS can
be brought high after the tenth SCLK falling edge and brought
low again after a time, tQUIET, to initiate the conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com