Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 3 Page - Analog Devices

  AD7910ARMZ2 Datasheet HTML 1Page - Analog Devices AD7910ARMZ2 Datasheet HTML 2Page - Analog Devices AD7910ARMZ2 Datasheet HTML 3Page - Analog Devices AD7910ARMZ2 Datasheet HTML 4Page - Analog Devices AD7910ARMZ2 Datasheet HTML 5Page - Analog Devices AD7910ARMZ2 Datasheet HTML 6Page - Analog Devices AD7910ARMZ2 Datasheet HTML 7Page - Analog Devices AD7910ARMZ2 Datasheet HTML 8Page - Analog Devices AD7910ARMZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7910/AD7920
Rev. C | Page 3 of 24
SPECIFICATIONS
AD7910
VDD = 2.35 V to 5.25 V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
A Grade1, 2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz sine wave
Signal-to-Noise + Distortion (SINAD)3
61
dB min
Total Harmonic Distortion (THD)3
−72
dB max
Peak Harmonic or Spurious Noise (SFDR)3
−73
dB max
Intermodulation Distortion (IMD)3
Second-Order Terms
−82
dB typ
fa = 100.73 kHz, fb = 90.7 kHz
Third-Order Terms
−82
dB typ
fa = 100.73 kHz, fb = 90.7 kHz
Aperture Delay
10
ns typ
Aperture Jitter
30
ps typ
Full Power Bandwidth
13.5
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
±0.5
LSB max
Differential Nonlinearity
±0.5
LSB max
Guaranteed no missed codes to 10 bits
Offset Error3, 4
±1
LSB max
Gain Error3, 4
±1
LSB max
Total Unadjusted Error (TUE)3, 4
±1.2
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±0.5
μA max
Input Capacitance
20
pF typ
Track-and-hold in track, 6 pF typ when in hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
Input Current, IIN, SCLK Pin
± 0.5
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
± 10
nA typ
Input Capacitance, CIN5
5
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
V min
ISOURCE = 200 μA, VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance5
5
pF max
Output Coding
Straight (natural) binary
CONVERSION RATE
Conversion Time
2.8
μs max
14 SCLK cycles with SCLK at 5 MHz
Track-and-Hold Acquisition Time3
250
ns max
Throughput Rate
250
kSPS max
POWER REQUIREMENTS
VDD
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2.5
mA typ
VDD = 4.75 V to 5.25 V, SCLK on or off
1.2
mA typ
VDD = 2.35 V to 3.6 V, SCLK on or off
Normal Mode (Operational)
3
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 250 kSPS
1.4
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 250 kSPS
Full Power-Down Mode
1
μA max
Typically 50 nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com