Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 1 Page - Analog Devices

  AD7910ARMZ2 Datasheet HTML 1Page - Analog Devices AD7910ARMZ2 Datasheet HTML 2Page - Analog Devices AD7910ARMZ2 Datasheet HTML 3Page - Analog Devices AD7910ARMZ2 Datasheet HTML 4Page - Analog Devices AD7910ARMZ2 Datasheet HTML 5Page - Analog Devices AD7910ARMZ2 Datasheet HTML 6Page - Analog Devices AD7910ARMZ2 Datasheet HTML 7Page - Analog Devices AD7910ARMZ2 Datasheet HTML 8Page - Analog Devices AD7910ARMZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
250 kSPS,
10-/12-Bit ADCs in 6-Lead SC70
AD7910/AD7920
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Throughput rate: 250 kSPS
Specified for VDD of 2.35 V to 5.25 V
Low power
3.6 mW typ at 250 kSPS with 3 V supplies
12.5 mW typ at 250 kSPS with 5 V supplies
Wide input bandwidth
71 dB SNR at 100 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
Standby mode: 1 μA max
6-lead SC70 package
8-lead MSOP package
APPLICATIONS
Battery-powered systems
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
High speed modems
Optical sensors
FUNCTIONAL BLOCK DIAGRAM
T/H
CONTROL LOGIC
10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
VDD
AD7910/AD7920
SDATA
SCLK
CS
VIN
Figure 1.
GENERAL DESCRIPTION
The AD7910/AD79201 are, respectively, 10-bit and 12-bit, high
speed, low power, successive approximation ADCs. The parts
operate from a single 2.35 V to 5.25 V power supply and feature
throughput rates up to 250 kSPS. The parts contain a low noise,
wide bandwidth track-and-hold amplifier that can handle input
frequencies in excess of 13 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of CS and the conversion is initiated at this
point. There are no pipeline delays associated with the part.
The AD7910/AD7920 use advanced design techniques to
achieve very low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD. This
allows the widest dynamic input range to the ADC. Thus, the
analog input range for the part is 0 to VDD. The conversion rate
is determined by the SCLK.
PRODUCT HIGHLIGHTS
1.
10-/12-bit ADCs in SC70 and MSOP packages.
2.
Low power consumption.
3.
Flexible power/serial clock speed management. The
conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. This allows the average power consumption
to be reduced when power-down mode is used while not
converting. The part also features a power-down mode to
maximize power efficiency at lower throughput rates.
Current consumption is 1 μA maximum and 50 nA typically
when in power-down mode.
4.
Reference derived from the power supply.
5.
No pipeline delay. The parts feature a standard successive
approximation ADC with accurate control of the sampling
instant via a CS input and once-off conversion control.
1 Protected by U.S. Patent No. 6,681,332.


Similar Part No. - AD7910ARMZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910ARM AD-AD7910ARM Datasheet
1Mb / 20P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
3/04 - Data Sheet changed from REV. A to REV. B
AD7910ARM-REEL AD-AD7910ARM-REEL Datasheet
1Mb / 20P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
3/04 - Data Sheet changed from REV. A to REV. B
AD7910ARM-REEL7 AD-AD7910ARM-REEL7 Datasheet
1Mb / 20P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
3/04 - Data Sheet changed from REV. A to REV. B
More results

Similar Description - AD7910ARMZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
AD7910 AD-AD7910 Datasheet
1Mb / 20P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
3/04 - Data Sheet changed from REV. A to REV. B
AD7276 AD-AD7276 Datasheet
501Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com