Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 16Page - Analog Devices AD7910ARMZ2 Datasheet HTML 17Page - Analog Devices AD7910ARMZ2 Datasheet HTML 18Page - Analog Devices AD7910ARMZ2 Datasheet HTML 19Page - Analog Devices AD7910ARMZ2 Datasheet HTML 20Page - Analog Devices AD7910ARMZ2 Datasheet HTML 21Page - Analog Devices AD7910ARMZ2 Datasheet HTML 22Page - Analog Devices AD7910ARMZ2 Datasheet HTML 23Page - Analog Devices AD7910ARMZ2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD7910/AD7920
Rev. C | Page 24 of 24
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02976-0-9/05(C)
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)1
Package Description
Package Option
Branding
AD7910AKS-500RL7
−40°C to +85°C
±0.5 max
6-Lead SC70
KS-6
CVA
AD7910AKS-REEL
−40°C to +85°C
±0.5 max
6-Lead SC70
KS-6
CVA
AD7910AKS-REEL7
−40°C to +85°C
±0.5 max
6-Lead SC70
KS-6
CVA
AD7910AKSZ-500RL72
−40°C to +85°C
±0.5 max
6-Lead SC70
KS-6
C49
AD7910AKSZ-REEL2
−40°C to +85°C
±0.5 max
6-Lead SC70
KS-6
C49
AD7910AKSZ-REEL72
−40°C to +85°C
±0.5 max
6-Lead SC70
KS-6
C49
AD7910ARM
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CVA
AD7910ARM-REEL
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CVA
AD7910ARM-REEL7
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CVA
AD7910ARMZ2
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
C49
AD7920AKS-500RL7
−40°C to +85°C
±0.75 typ
6-Lead SC70
KS-6
CUA
AD7920AKS-REEL
−40°C to +85°C
±0.75 typ
6-Lead SC70
KS-6
CUA
AD7920AKS-REEL7
−40°C to +85°C
±0.75 typ
6-Lead SC70
KS-6
CUA
AD7920AKSZ-500RL72
−40°C to +85°C
±0.75 typ
6-Lead SC70
KS-6
C47
AD7920AKSZ-REEL72
−40°C to +85°C
±0.75 typ
6-Lead SC70
KS-6
C47
AD7920BKS-500RL7
−40°C to +85°C
±1.5 max
6-Lead SC70
KS-6
CUB
AD7920BKS-REEL
−40°C to +85°C
±1.5 max
6-Lead SC70
KS-6
CUB
AD7920BKS-REEL7
−40°C to +85°C
±1.5 max
6-Lead SC70
KS-6
CUB
AD7920BKSZ-500RL72
−40°C to +85°C
±1.5 max
6-Lead SC70
KS-6
C4B
AD7920BKSZ-REEL2
−40°C to +85°C
±1.5 max
6-Lead SC70
KS-6
C4B
AD7920BKSZ-REEL72
−40°C to +85°C
±1.5 max
6-Lead SC70
KS-6
C4B
AD7920BRM
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CUB
AD7920BRM-REEL
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CUB
AD7920BRM-REEL7
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CUB
AD7920BRMZ2
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
C4B
AD7920BRMZ-REEL2
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
C4B
AD7920BRMZ-REEL72
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
C4B
EVAL-AD7910CB3
Evaluation Board
EVAL-AD7920CB3
Evaluation Board
EVAL-CONTROL BRD24
Controller Board
1 Linearity error refers to integral nonlinearity.
2 Z = Pb-free part.
3 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes.
4 This board is a complete unit that allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. To order a
complete evaluation kit, a particular ADC evaluation board must be ordered, for example., EVAL-AD7920CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See
relevant evaluation board technical note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com