Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910ARMZ2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 11Page - Analog Devices AD7910ARMZ2 Datasheet HTML 12Page - Analog Devices AD7910ARMZ2 Datasheet HTML 13Page - Analog Devices AD7910ARMZ2 Datasheet HTML 14Page - Analog Devices AD7910ARMZ2 Datasheet HTML 15Page - Analog Devices AD7910ARMZ2 Datasheet HTML 16Page - Analog Devices AD7910ARMZ2 Datasheet HTML 17Page - Analog Devices AD7910ARMZ2 Datasheet HTML 18Page - Analog Devices AD7910ARMZ2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7910/AD7920
Rev. C | Page 15 of 24
AD7910/
AD7920
VDD
VIN
SERIAL
INTERFACE
0V TO VDD
INPUT
μC/μP
GND
SCLK
SDATA
CS
0.1
μF
10
μF
1
μF
TANT
0.1
μF
680nF
3V
5V
SUPPLY
1.2mA
REF193
Figure 17. REF193 as Power Supply
Table 6 provides typical performance data with various
references used as a VDD source for a 100 kHz input tone at
room temperature, under the same setup conditions.
Table 6. AD7920 Typical Performance for Various Voltage
References IC
Reference Tied to VDD
AD7920 SNR Performance (dB)
AD780 @ 3 V
72.65
REF193
72.35
AD780 @ 2.5 V
72.5
REF192
72.2
REF43
72.6
ANALOG INPUT
Figure 18 shows an equivalent circuit of the analog input
structure of the AD7910/AD7920. The two diodes, D1 and D2,
provide ESD protection for the analog input. Care must be
taken to ensure that the analog input signal never exceeds the
supply rails by more than 300 mV. This causes these diodes to
become forward biased and start conducting current into the
substrate. The maximum current these diodes can conduct
without causing irreversible damage to the parties is 10 mA.
Capacitor C1 in Figure 18 is typically about 6 pF and can be
attributed primarily to pin capacitance. Resistor R1 is a lumped
component made up of the on resistance of a switch. This
resistor is typically about 100 Ω. Capacitor C2 is the ADC
sampling capacitor and has a capacitance of 20 pF typically. For
ac applications, removing high frequency components from the
analog input signal is recommended by use of a band-pass filter
on the relevant analog input pin. In applications where
harmonic distortion and signal-to-noise ratio are critical, the
analog input should be driven from a low impedance source.
Large source impedances significantly affect the ac performance
of the ADC. This can necessitate the use of an input buffer
amplifier. The choice of the op amp is a function of the
particular application.
C1
6pF
C2
20pF
R1
D1
D2
CONVERSION PHASE—SWITCH OPEN
TRACK PHASE—SWITCH CLOSED
VDD
VIN
Figure 18. Equivalent Analog Input Circuit
Table 7 provides some typical performance data with various op
amps used as the input buffer for a 100 kHz input tone at room
temperature, under the same setup conditions.
Table 7. AD7920 Typical Performance for Various Input
Buffers, VDD = 3 V
Op Amp in the Input Buffer
AD7920 SNR Performance (dB)
AD711
72.3
AD797
72.5
AD845
71.4
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. The THD increases as
the source impedance increases, and performance degrades (see
Figure 12).
DIGITAL INPUTS
The digital inputs applied to the AD7910/AD7920 are not limited
by the maximum ratings that limit the analog input. Instead, the
digital inputs applied can go to 7 V and are not restricted by the
VDD + 0.3 V limit as on the analog input. For example, if the
AD7910/AD7920 were operated with a VDD of 3 V, then 5 V logic
levels could be used on the digital inputs. However, it is important
to note that the data output on SDATA still have 3 V logic levels
when VDD = 3 V. Another advantage of SCLK and CS not being
restricted by the VDD + 0.3 V limit is that power supply
sequencing issues are avoided. If CS or SCLK is applied before
VDD, there is no risk of latch-up as there would be on the analog
inputs if a signal greater than 0.3 V were applied prior to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com