Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
9/24
STV6618
ELECTRICAL CHARACTERISTICS
2.5
Fast Blanking Section Characteristics
DCOUTRGB
DC Output Voltage, RGB outputs
Black Level
2
Mute
2
0.45
0.50
0.60
0.60
0.70
0.70
V
DCOUTYOUT
DC Output Voltage, TV Y Output (G/
YOUT_TV, YPrPb mode)
Bottom Sync Pulse
2
Mute2
0.50
0.45
0.60
0.60
0.70
0.70
V
DCOUTPrPb
DC Output Voltage, PrPb outputs
Black Level2
Mute2
1.4
1.4
1.5
1.5
1.6
1.6
V
DPHI
Differential Phase, Y/CVBS
VIN = 1 VPP at 4.43 MHz
0.2
2.5
deg.
DG
Differential Gain, Y/CVBS
VIN = 1 VPP at 4.43 MHz
0.3
5
%
Mute
Mute Suppression
VIN = 1 VPP at 5 MHz on 1 point
-55
dB
LNL
Luminance non-linearity
0.3
3
%
VSN
Video Signal-to-Noise Ratio3
75
dB
1. Minimum Crosstalk values estimated during Qualification phase, based on ST Evaluation Board
measurement, TQFP44 package soldered on board.
2. Measured at IC output pin.
3. Signal-to-Noise = 20log (VOUTblack-to-white = 0.7 VPP / Vnoise(mVrms) weighted CCIR 567)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT MODE
FBLOW/HIGH
Input Low/High Level Threshold
0.4
0.7
0.9
V
IIN
Input Current
210
µA
OUTPUT MODE
FBLOW
Output Low Level
RLOAD = 150 Ω
0.5
V
FBHIGH
Output High Level
RLOAD = 150 Ω
3.0
3.4
3.8
V
FBDEL
Fast Blanking RGB delay
At 50% on digital RGB
transients, at 2 V on FB rise
transient, at 1 V on FB fall,
CLOAD = 10 pF maximum
15
ns
FBTRANS
FB Transitions at FB output
Rise Time
Fall Time
CLOAD = 10 pF maximum
between 10% and 90%
between 90% and 10%
10
10
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com