Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics STV6618 Datasheet HTML 14Page - STMicroelectronics STV6618 Datasheet HTML 15Page - STMicroelectronics STV6618 Datasheet HTML 16Page - STMicroelectronics STV6618 Datasheet HTML 17Page - STMicroelectronics STV6618 Datasheet HTML 18Page - STMicroelectronics STV6618 Datasheet HTML 19Page - STMicroelectronics STV6618 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
INPUT/OUTPUT GROUPS
STV6618
16/24
4
INPUT/OUTPUT GROUPS
Figure 5: C_Gate Logic Output (Pin 28)
Figure 6: Video Outputs (Pins 23, 25, 27, 29, 31 and 33)
Figure 7: YCVBSOUT_REC Recorder Output (Pin 21)
VDD 5V
18 k
Ω
50
Ω
VDD 5V
Protected Pad
VCCB1,2,3
Protected Pad
ib
VCCB1,2,3
VCCB1,2,3
VCCB_REC 5V
Protected Pad
VCCB_REC 5V
Figure 8: Fast Blanking Inputs (Pin 35)
Figure 9: I²C Bus SCL I/O (Pin 37)
Figure 10: Fast Blanking Output (Pin 34)
VCCB3
Protected Pad
VDD 5V
tri
VDD_FLOAT
10 k
Ω
VDD5V
Protected Pad
VDD
VCCB3
VCCB3
Protected Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com