Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics STV6618 Datasheet HTML 14Page - STMicroelectronics STV6618 Datasheet HTML 15Page - STMicroelectronics STV6618 Datasheet HTML 16Page - STMicroelectronics STV6618 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
13/24
STV6618
I²C BUS SELECTION
Note:
Unused data must be set to “0”.
Standby
04
TV Output
Standby
AUX Chroma
Output
Standby
AUX CVBS
Output
Standby
REC Output
Standby
AUX Input
Disable
TV Input
Disable
TUN Input
Disable
ENC Input
Disable
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00
Recorder Y/CVBS Output
Selection
3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Mute
YIN_ENC
CVBSIN_ENC
Y/CVBSIN_AUX
Y/CVBSIN_TV
YCVBSIN_TUN
Not allowed
Not allowed
TV Y/CVBS Output
Selection
2
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Y/CVBS_AUX
YIN_ENC
CVBSIN_ENC
Mute
DigOUT6 Control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Low Level
1 = High Level
01
AUX (SCART2) Y/CVBS
Output Selection
3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Y/CVBSin_TV
YIN_ENC
CVBSIN_ENC
YCVBSIN_TUN
Mute
Not allowed
Not allowed
Not allowed
AUX (SCART2) Chroma
Output Selection
2
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Mute
CIN_ENC
CIN_TV
CIN_TUN
DigOUT5 Control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Low Level
1 = High Level
Reg
Addr
(Hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com