Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 3 Page - STMicroelectronics

  STV6618 Datasheet HTML 1Page - STMicroelectronics STV6618 Datasheet HTML 2Page - STMicroelectronics STV6618 Datasheet HTML 3Page - STMicroelectronics STV6618 Datasheet HTML 4Page - STMicroelectronics STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3/24
STV6618
GENERAL OVERVIEW
1
GENERAL OVERVIEW
1.1
Pin Connections
Figure 1: Pinout Diagram
FBOUT_TV
FBIN_AUX
VDD
SCL
SDA
GNDD
CIN_TV
Y/CVBSIN_TV
DIGOUT1
CIN_TUN
Y/CVBSOUT_REC
VCCB_REC
Y/CVBSIN_AUX
R/PR/CIN_AUX
DIGOUT5
G/YIN_AUX
B/PBIN_AUX
GND2
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
DIGOUT2
DIGOUT4
DIGOUT6
GNDB_REC
11
10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com