Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 5 Page - STMicroelectronics

  STV6618 Datasheet HTML 1Page - STMicroelectronics STV6618 Datasheet HTML 2Page - STMicroelectronics STV6618 Datasheet HTML 3Page - STMicroelectronics STV6618 Datasheet HTML 4Page - STMicroelectronics STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
5/24
STV6618
GENERAL OVERVIEW
36
VDD
+5 V Digital Power Supply
37
SCL
I²C Bus Clock
38
SDA
I²C Bus Data
39
GNDD
Digital Ground Supply
40
CIN_TV
Chroma Input from TV (SCART1 or external Cinch)
41
Y/CVBSIN_TV
Y/CVBS Input from TV (SCART1 or external Cinch)
42
DIGOUT1
Digital Output Pin 1
43
CIN_TUN
Chroma Input from Tuner
44
DIGOUT2
Digital Output Pin 2
Figure 2: STV6618 Input/Output Diagram
Pin No.
Symbol
Description
SCART1
TV
R/PR/COUT_TV
G/YOUT_TV
B/PBOUT_TV
FBOUT_TV
Y/CVBSOUT_TV
Y/CVBSIN_TV
Tuner
Y/CVBSIN_TUN
Encoder
R/PR/CIN_ENC
G/YIN_ENC
B/PBIN_ENC
CVBSIN_ENC
CIN_ENC
YIN_ENC
Recorder
Y/CVBS_REC
SCART2
R/PR/CIN_AUX
G/YIN_AUX
B/PB_AUX
FBIN_AUX
Y/CVBSIN_AUX
COUT_AUX
COUT_REC
CIN_TV
Transistor
C_GATE
STV6618
(TQFP 44)
DIGOUT1
DIGOUT2
Y/CVBSOUT_AUX
CIN_TUN
DIGOUT3
DIGOUT4
DIGOUT5
DIGOUT6
(Auxiliary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com