Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 4 Page - STMicroelectronics

  STV6618 Datasheet HTML 1Page - STMicroelectronics STV6618 Datasheet HTML 2Page - STMicroelectronics STV6618 Datasheet HTML 3Page - STMicroelectronics STV6618 Datasheet HTML 4Page - STMicroelectronics STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
GENERAL OVERVIEW
STV6618
4/24
1.2
Pin Description
Pin No.
Symbol
Description
1
Y/CVBSIN_TUN
Y/CVBS Input from Tuner
2
DIGOUT3
Digital Output Pin 3
3
GND1
Ground Supply 1 for Video Inputs
4
CVBSIN_ENC
CVBS Input from Encoder
5
DECV
Video decoupling capacitor
6
CIN_ENC
Chroma Input from Encoder
7
YIN_ENC
Y Input from Encoder
8
VCC
+5 V Power Supply for Video Inputs
9
R/PR/CIN_ENC
Red or Pr or Chroma Input from Encoder
10
G/YIN_ENC
Green or Y Input from Encoder
11
B/PBIN_ENC
Blue or Pb Input from Encoder
12
GND2
Ground Supply 2 for Video Inputs
13
B/PBIN_AUX
Blue or Pb Input from Auxiliary (SCART2 or external Cinch)
14
DIGOUT4
Digital Output Pin 4
15
G/YIN_AUX
Green or Y Input from Auxiliary (SCART2 or external Cinch)
16
DIGOUT5
Digital Output Pin 5
17
R/PR/CIN_AUX
Red or Pr or Chroma input from Auxiliary (SCART2 or external Cinch)
18
DIGOUT6
Digital Output Pin 6
19
Y/CVBSIN_AUX
Y/CVBS Input from Auxiliary (SCART2 or external Cinch)
20
VCCB_REC
Video Output Recorder Buffer Supply Pin
21
Y/CVBSOUT_REC
Y/CVBS Output to Recorder
22
GNDB_REC
Ground Supply for Recorder Buffer
23
COUT_AUX
Chroma Output to Auxiliary (SCART2 or external Cinch)
24
VCCB1
Video Output Buffer Supply Pin
25
Y/CVBSOUT_AUX
Y/CVBS Output to Auxiliary (SCART2 or external Cinch)
26
GNDB
Ground Supply for Video Buffer
27
B/PBOUT_TV
Blue or Pb Output to TV (SCART1 or external Cinch)
28
C_GATE
External Transistor Command for Bidirectinnal B/C SCART I/O
29
G/YOUT_TV
Green or Y Output to TV (SCART1 or external Cinch)
30
VCCB2
Video Buffer
31
R/PR/COUT_TV
Red or Pr or Chroma Output to TV (SCART1 or external Cinch)
32
VCCB3
Video Output Buffer Supply Pin
33
Y/CVBSOUT_TV
Y/CVBS Output to TV (SCART1 or external Cinch)
34
FBOUT_TV
Fast Blanking Output to TV (SCART1)
35
FBIN_AUX
Fast Blanking Input from Auxiliary (SCART2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com