Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics STV6618 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ELECTRICAL CHARACTERISTICS
STV6618
10/24
2.6
Chroma Section Characteristics
TAMB = 25 °C, VCCV = 5 V, VDD = 5 V, ROUT_VREC = 4.7 kΩ, ROUT_VBUF = 150 Ω, unless otherwise
specified. Output impedances of sources: RGV = 75 Ω.
2.7
Digital Outputs
TAMB = 25 °C, VCCV = 5 V, VDD = 5 V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
2.9
3.0
3.1
V
RIN
Input Resistance
30
50
k
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1.0
VPP
DYN
Dynamic Output Signal
2.0
VPP
DCOUT
DC Output Voltage
AUX C Output
No Chroma input signal1
1. Measured at IC output pin.
1.4
1.5
1.6
V
CBW
Chroma Bandwidth
VIN = 1 VPP at -3 dB
10
15
MHz
CTi
Crosstalk Isolation between Input
Channel
VIN = 1 VPP at 4.43 MHz,
on one input
542
2. Minimum Crosstalk values estimated during Qualification phase, based on ST Evaluation Board
measurement, TQFP44 package soldered on board.
60
dB
CTo
Crosstalk Isolation between Output
Channel
VIN = 1 VPP at 4.43 MHz,
on one input, RLOAD = 150 Ω
50
2
55
dB
ROUT
Output Resistance
5
10
G6C
Gain at Chroma Outputs
VIN = 1 Vpp and Gain = 6 dB at
1MHz
5.5
6.0
6.5
dB
Mute
Mute Suppression
VIN = 1 VPP at 4.43 MHz, on one
input
-55
dB
CToYdel
Chroma to Luma Delay, Source Y/C
VIN = VPP at 4.43 MHz
20
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
C_gate_H
Pull-up resistor value to VccB3
16
20
24
k
C_gate_L
Output Low level
IIN = 0 mA
IIN = 1 mA
0.3
0.7
V
C_gate_H
Output High level
RLOAD = 20 kΩ
VDD
V
DIGOUT1-2-3 Load
External pull-up resistor value to VDD
10
k
DIGOUT1-2-3 Low
Output low level, DIGOUT1-2-3
RLOAD = 10 kΩ
0.7
V
DIGOUT1-2-3 Middle
Output middle level, DIGOUT1-2-3
RLOAD = 10 kΩ
2.2
V
DIGOUT1-2-3 High
Output high level,DIGOUT1-2-3
RLOAD = 10 kΩ,
Opened collector output
VDD
V
DIGOUT4-5-6 Low
Output low level, DIGOUT4-5-6
ILOAD = 2 mA
0.7
V
DIGOUT4-5-6 High
Output high level, DIGOUT4-5-6
Opened Collector Output
13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com