Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics STV6618 Datasheet HTML 14Page - STMicroelectronics STV6618 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
11/24
STV6618
ELECTRICAL CHARACTERISTICS
2.8
I²C Bus Characteristics
TAMB = 25 °C, VCCV = 5 V, VDD = 5 V
Note:
The device can also operate at 400 kHz and can interface with +3.3 V or + 5 V logic levels.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SCL
VIL
Low Level Input Voltage
-0.3
1.5
V
VIH
High Level Input Voltage
2.3
5.5
V
ILI
Input Leakage Current
VIN = 0 to 5.5 V
-10
0
10
µs
SDA
VIL
Low Level Input Voltage
-0.3
1.5
V
VIH
High Level Input Voltage
2.3
5.5
V
ILI
Input Leakage Current
VIN = 0 to 5.5 V
-10
0
10
µs
CI
Input Capacitance
10
pF
tR
Input Rise Time
1.5 V to 3 V
1
µs
tF
Input Fall Time
3 V to 1.5 V
300
ns
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V
tF
Output Fall Time
3 V to 1.5 V
250
ns
CL
Load Capacitance
400
pF
TIMING
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4
µs
tSU,DAT
Data Setup Time
250
ns
tHD,DAT
Data Hold Time
0
340
ns
tSU,STO
Setup Time from Clock High to Stop
4
µs
tBUF
Start Setup Time following a Stop
4.7
µs
tHD,STA
Start Hold Time
4
µs
tSU,STA
Start Setup Time following Clock Low to High Transition
4.7
µs
Figure 4: I²C Bus Timing
tBUF
tLOW
tHIGH
tHD,STA
tR
tF
tSU,STA
tHD,DAT
tSU,DAT
tSU,STO
SDA
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com