Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics STV6618 Datasheet HTML 14Page - STMicroelectronics STV6618 Datasheet HTML 15Page - STMicroelectronics STV6618 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I²C BUS SELECTION
STV6618
12/24
3
I²C BUS SELECTION
Data transfers follow the usual I²C format; i.e. after the start condition (S), a 7-bit slave address is
sent, followed by an eight-bit data direction bit (W). An 8-bit sub-address is sent to select a register,
followed by an 8-bit data word to be included in the register. The IC’s I²C bus decoder enables the
automatic incrementation mode in write mode.
String Format
Write only mode (S = Start condition, P = Stop condition, A = Acknowledge)
Read only mode
Slave Address
Auto Increment Mode
3.1
I²C Bus Addresses
Write Address: 1001 0100 = 94(hex)
Input Signal Summary (Write Mode)
S
Slave Address
0
A
Sub-address
A
Data
A
P
S
Slave Address
1
A
Data
A
P
Address
A7A6A5
A4A3A2
A1
Value
100
1010
S
Slave Address
0
A
Sub-address
A
DATA0
A
DATA1
A
....
DATAn
A
P
Sub-Address
Sub-Address +1 Sub-Address + N
Reg
Addr
(Hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0
Y/CVBS and C Output Selection
00
DigOUT6
Not Used
TV Y/CVBS Output Selection
Recorder Y/CVBS Output Selection
01
DigOUT5
Not Used
Auxiliary C Output Selection
Auxiliary Y/CVBS Output Selection
RGB/YPrPb & Fast Blanking Selection
02
RGB/YPrPb
High Impedance State
RGB or YPrPb or C mode
Selection
Auxiliary or Encoder
Selection
Fast Blanking Selection
Digital Outputs
03
DIGOUT4
DIGOUT3
DIGOUT2 Control
DIGOUT1 Control
C_GATE
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com