Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 28Page - Analog Devices AD9739BBCZ Datasheet HTML 29Page - Analog Devices AD9739BBCZ Datasheet HTML 30Page - Analog Devices AD9739BBCZ Datasheet HTML 31Page - Analog Devices AD9739BBCZ Datasheet HTML 32Page - Analog Devices AD9739BBCZ Datasheet HTML 33Page - Analog Devices AD9739BBCZ Datasheet HTML 34Page - Analog Devices AD9739BBCZ Datasheet HTML 35Page - Analog Devices AD9739BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 32 of 48
MU CONTROLLER
A delay lock loop (DLL) is used to optimize the timing between
the internal digital and analog domains of the AD9739 such that
data is successfully transferred into the TxDAC core at rates of
up to 2.5 GSPS. As shown in Figure 48, the DAC clock is split
into an analog and a digital path with the critical analog path
leading to the DAC core (for minimum jitter degradation) and
the digital path leading to a programmable delay line. Note that
the output of this delay line serves as the master internal digital
clock from which all other internal and external digital clocks
are derived. The amount of delay added to this path is under the
control of the mu controller, which optimizes the timing between
these two clock domains and continuously tracks any variation
(once in track mode) to ensure proper data hand-off.
14-BIT
DATA
14-BIT
DATA
IOUTP
IOUTN
DIGITAL
CIRCUITRY
ANALOG
CIRCUITRY
MU
DELAY
DAC
CLOCK
PHASE
DETECTOR
MU
DELAY
CONTROLLER
Figure 48. Mu Delay Controller Block Diagram
The mu controller adjusts the timing relationship between the
digital and analog domains via a tapped digital delay line having
a nominal total delay of 864 ps. The delay value is programmable
to a 9-bit resolution (that is, 0 to 432 decimal) via the MUDEL
register, resulting in a nominal resolution of 2 ps/LSB. Because a
time delay maps to a phase offset for a fixed clock frequency,
the control loop essentially compares the phase relationship
between the two clock domains and adjusts the phase (that is, via a
tapped delay line) of the digital clock such that it is at the desired
fixed phase offset (SET_PHS) from the critical analog clock.
0
2
4
6
8
10
12
14
16
18
0
40
80
120 160
200 240
280 320
360 400
440
SEARCH STARTING
LOCATION
GUARD
BAND
GUARD
BAND
MU DELAY
DESIRED
PHASE
Figure 49. Typical Mu Phase Characteristic Plot at 2.4 GSPS
Figure 49 maps the typical mu phase characteristic at 2.4 GSPS vs.
the 9-bit digital delay setting (MUDEL). The mu phase scaling
is such that a value of 16 corresponds to 180 degrees. The critical
keep-out window between the digital and analog domains occurs
at a value of 0 (but can extend out to 2 depending on the clock
rate). The target mu phase (and slope) is selected to provide
optimum ac performance while ensuring that the mu controller
for any device can establish and maintain lock. For example,
while a slope and phase setting of −6 is considered optimum
for operation between 1.6 GSPS and 2.5 GSPS, other values are
required below 1.6 GSPS.
0
2
4
6
8
10
12
14
16
18
0
40
80
120 160 200 240 280 320 360 400 440
DELAY LINE TAP
NOM_P1
SLOW_P1
FAST_P1
Figure 50. Mu Phase Characteristics of Three Devices from Different Process
Lots at 1.2 GSPS
The mu phase characteristics can vary significantly among devices
due to gm variations in the digital delay line that are sensitive to
process skews (along with temperature and supply). As a result,
careful selection of the target phase location is required such
that the mu controller can converge upon this phase location
for all devices. Figure 50 shows that mu phase characteristics of
three devices at 25°C from slow, nominal, and fast skew lots at
1.2 GSPS. Note that a −6 mu phase setting does not map to any
delay line tap setting for the fast process skew case; therefore,
another target mu phase is recommended at this clock rate.
Table 28 provides a list of recommended mu phase/slope settings
over the specified clock range of the AD9739 based on the
considerations previously described. These values should be
used to ensure robust operation of the mu controller.
Table 28. Recommended Target Mu Phase Settings vs. Clock Rate
Clock Rate (GSPS)
Slope
MU Phase
0.8
−
6
0.9
−
4
1.0
+
5
1.1
+
8
1.2
+
12
1.3
−
12
1.4
−
10
1.5
−
8
1.6 to 2.5
−
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com