Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 24Page - Analog Devices AD9739BBCZ Datasheet HTML 25Page - Analog Devices AD9739BBCZ Datasheet HTML 26Page - Analog Devices AD9739BBCZ Datasheet HTML 27Page - Analog Devices AD9739BBCZ Datasheet HTML 28Page - Analog Devices AD9739BBCZ Datasheet HTML 29Page - Analog Devices AD9739BBCZ Datasheet HTML 30Page - Analog Devices AD9739BBCZ Datasheet HTML 31Page - Analog Devices AD9739BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 28 of 48
LVDS DATA PORT INTERFACE
The AD9739 supports input data rates from 1.6 GSPS to 2.5 GSPS
using dual LVDS data ports. The interface is source synchronous
and double data rate (DDR) where the host provides an embedded
data clock input (DCI) at fDAC/4 with its rising and falling edges
aligned with the data transitions. The data format is offset binary;
however, twos complement format can be realized by reversing
the polarity of the MSB differential trace. As shown in Figure 40,
the host feeds the AD9739 with deinterleaved input data into
two 14-bit LVDS data ports (DB0 and DB1) at ½ the DAC clock
rate (that is, fDAC/2). The AD9739 internal data receiver controller
then generates a phase shifted version of DCI to register the
input data on both the rising and falling edges.
DCI
DCO
DIV-BY-4
AD9739
HOST
PROCESSOR
14 × 2
fDATA = fDAC/2
fDCO = fDAC/4
fDAC
fDCI = fDAC/4
14 × 2
1 × 2
1 × 2
EVEN DATA
SAMPLES
ODD DATA
SAMPLES
Figure 40. Recommended Digital Interface Between the AD9739 and
Host Processor
As shown in Figure 41, the DCI clocks edges must be coincident
with the data bit transitions with minimum skew, jitter, and
intersymbol interference. To ensure coincident transitions with the
data bits, the DCI signal should be implemented as an additional
data line with an alternating (010101…) bit sequence from the
same output drivers used for the data. Maximizing the opening
of the eye in both the DCI and data signals improves the reliability
of the data port interface. Differential controlled impedance traces
of equal length (that is, delay) should also be used between the
host processor and AD9739 input to limit bit-to-bit skew.
The maximum allowable skew and jitter out of the host
processor with respect to the DCI clock edge on each LVDS
port is calculated as
MaxSkew + Jitter = Period(ns) − ValidWindow(ps) − Guard
= 800 ps − 344 ps − 100 ps
= 356 ps
where ValidWindow(ps) is represented by tVALID and Guard is
represented by tGUARD in Figure 41.
The minimum specified LVDS valid window is 344 ps, and a
guard band of 100 ps is recommended. Therefore, at the maximum
operating frequency of 2.5 GSPS, the maximum allowable FPGA
and PCB bit skew plus jitter is equal to 356 ps.
For synchronous operation, the AD9739 provides a data clock
output, DCO, to the host at the same rate as DCI (that is, fDAC/4)
to maintain the lowest skew variation between these clock
domains. Since the DCO signal is generated from a separate
clock divider, its phase relationship relative to the fDAC/4 clocks
used by the data receiver controller will vary upon each power-up.
Applications sensitive to this phase ambiguity (resulting in a ±2
DACCLK pipeline variation) should consider using the sync
controller.
The host processor has a worst-case skew between DCO and
DCI that is both implementation and process dependent. This
worst-case skew can also vary an additional 30% over temperature
and supply corners. The delay line within the data receiver
controller can track a ±1.5 ns skew variation after initial lock.
While it is possible for the host to have an internal PLL that
generates a synchronous fDAC/4 from which the DCI signal is
derived, digital implementations that result in the shortest
propagation delays result in the lowest skew variation.
The data receiver controller is used to ensure proper data hand-off
between the host and AD9739 internal digital clock domains.
The circuit shown in Figure 42 functions as a delay lock loop in
which a 90o phase shifted version of the DCI clock input is used
to sample the input data into the DDR receiver registers. This
ensures that the sampling instance occurs in the middle of the
data pattern eyes (assuming matched DCI and DBx[13:0] delays).
Note that, because the DCI delay and sample delay clocks are
derived from the div-by-4 circuitry, this 90° phase relationship
holds as long as the delay settings (that is, DCI_DEL, SMP_DEL)
are also matched.
DB0[13:0]
AND DB1[13:0]
DCI
tVALID
tVALID + tGUARD
2 × 1/fDAC
MAX SKEW
+ JITTER
Figure 41. LVDS Data Port Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com