Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 16Page - Analog Devices AD9739BBCZ Datasheet HTML 17Page - Analog Devices AD9739BBCZ Datasheet HTML 18Page - Analog Devices AD9739BBCZ Datasheet HTML 19Page - Analog Devices AD9739BBCZ Datasheet HTML 20Page - Analog Devices AD9739BBCZ Datasheet HTML 21Page - Analog Devices AD9739BBCZ Datasheet HTML 22Page - Analog Devices AD9739BBCZ Datasheet HTML 23Page - Analog Devices AD9739BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 20 of 48
SPI REGISTER MAP
Table 9. Full Register Map (N/A = Not Applicable)
Name
Hex
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Mode
00
SDIO_DIR
LSB/MSB
Reset
N/A
N/A
N/A
N/A
N/A
0x00
Power-
Down
01
N/A
N/A
LVDS_
DRVR_PD
LVDS_
RCVR_PD
N/A
N/A
CLK_
RCVR_PD
DAC_
BIAS_PD
0x00
CNT_
CLK_DIS
02
N/A
N/A
N/A
N/A
CLKGEN_PD
N/A
REC_CNT_
CLK
MU_CNT_
CLK
0x03
IRQ_EN
03
N/A
N/A
SYNC_
LST_EN
SYNC_
LCK_EN
MU_LST_EN
MU_LCK_EN
RCV_
LST_EN
RCV_
LCK_EN
0x00
IRQ_REQ
04
N/A
N/A
SYNC_
LST_IRQ
SYNC_
LCK_IRQ
MU_LST_
IRQ
MU_LCK_
IRQ
RCVLST_
IRQ
RCVLCK_
IRQ
0x00
RSVD
05
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
FSC_1
06
FSC[7]
FSC[6]
FSC[5]
FSC[4]
FSC[3]
FSC[2]
FSC[1]
FSC[0]
0x00
FSC_2
07
Sleep
N/A
N/A
N/A
N/A
N/A
FSC[9]
FSC[8]
0x02
DEC_
CNT
08
N/A
N/A
N/A
N/A
N/A
N/A
DAC_DEC[1]
DAC_DEC[0]
0x00
RSVD
09
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
LVDS_
CNT
0A
N/A
N/A
N/A
N/A
HNDOFF_
CHK_RST
N/A
LVDS_
Bias[1]
LVDS_
Bias[0]
0x00
DIG_
STAT
0B
HNDOFF_
Fall[3]
HNDOFF_
Fall[2]
HNDOFF_
Fall[1]
HNDOFF_
Fall[0]
HNDOFF_
Rise[3]
HNDOFF_
Rise[2]
HNDOFF_
Rise[1]
HNDOFF_
Rise[0]
RNDM
LVDS_
STAT1
0C
SUP/HLD_
Edge1
N/A
DCI_
PHS3
DCI_
PHS1
DCI_PRE_
PH2
DCI_PRE_
PH0
DCI_PST_
PH2
DCI_PST_
PH0
RNDM
LVDS_
STAT2
0D
SUP/HLD_
SYNC
SUP/HLD_
Edge0
SYNC_
SAMP1
SYNC_
SAMP0
LVDS1_HI
LVDS1_LO
LVDS0_HI
LVDS0_LO
RNDM/0
RSVD
0E
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
RSVD
0F
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
LVDS_
REC_
CNT1
10
SYNC_
FLG_RST
SYNC_
LOOP_ON
SYNC_
MST/SLV
SYNC_
CNT_ENA
N/A
RCVR_
FLG_RST
RCVR_
LOOP_ON
RCVR_
CNT_ENA
0x42
LVDS_
REC_
CNT2
11
SMP_DEL[1]
SMP_
DEL[0]
FINE_
DEL_
MID[3]
FINE_
DEL_
MID[2]
FINE_DEL_
MID[1]
FINE_DEL_
MID[0]
RCVR_
GAIN[1]
RCVR_
GAIN[0]
0xDD
LVDS_
REC_
CNT3
12
SMP_DEL[9]
SMP_
DEL[8]
SMP_
DEL[7]
SMP_
DEL[6]
SMP_
DEL[5]
SMP_
DEL[4]
SMP_
DEL[3]
SMP_
DEL[2]
0x29
LVDS_
REC_
CNT4
13
DCI_DEL[3]
DCI_
DEL[2]
DCI_
DEL[1]
DCI_
DEL[0]
FINE_DEL_
SKW[3]
FINE_DEL_
SKW[2]
FINE_DEL_
SKW[1]
FINE_DEL_
SKW[0]
0x71
LVDS_
REC_
CNT5
14
CLKDIVPH[1]
CLKDIVPH[0]
DCI_
DEL[9]
DCI_
DEL[8]
DCI_
DEL[7]
DCI_
DEL[6]
DCI_
DEL[5]
DCI_
DEL[4]
0x0A
LVDS_
REC_
CNT6
15
SYNC_
GAIN[1]
SYNC_
GAIN[0]
SYNCOUT_
PH[1]
SYNCOUT_
PH[0]
LCKTHR[3]
LCKTHR[2]
LCKTHR[1]
LCKTHR[0]
0x42
LVDS_
REC_
CNT7
16
N/A
SYNCO_
DEL[6]
SYNCO_
DEL[5]
SYNCO_
DEL[4]
SYNCO_
DEL[3]
SYNCO_
DEL[2]
SYNCO_
DEL[1]
SYNCO_
DEL[0]
0x00
LVDS_
REC_
CNT8
17
SYNCSH_
DEL[0]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0x00
LVDS_
REC_
CNT9
18
SYNCSH_
DEL[8]
SYNCSH_
DEL[7]
SYNCSH_
DEL[6]
SYNCSH_
DEL[5]
SYNCSH_
DEL[4]
SYNCSH_
DEL[3]
SYNCSH_
DEL[2]
SYNCSH_
DEL[1]
0x00
LVDS_
REC_
STAT1
19
SMP_DEL[1]
SMP_DEL[0]
N/A
N/A
SMP_
FINE_
DEL[3]
SMP_
FINE_
DEL[2]
SMP_
FINE_
DEL[1]
SMP_
FINE_
DEL[0]
0xC7
LVDS_
REC_
STAT2
1A
SMP_DEL[9]
SMP_
DEL[8]
SMP_
DEL[7]
SMP_
DEL[6]
SMP_
DEL[5]
SMP_
DEL[4]
SMP_
DEL[3]
SMP_
DEL[2]
0x29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com