Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 31Page - Analog Devices AD9739BBCZ Datasheet HTML 32Page - Analog Devices AD9739BBCZ Datasheet HTML 33Page - Analog Devices AD9739BBCZ Datasheet HTML 34Page - Analog Devices AD9739BBCZ Datasheet HTML 35Page - Analog Devices AD9739BBCZ Datasheet HTML 36Page - Analog Devices AD9739BBCZ Datasheet HTML 37Page - Analog Devices AD9739BBCZ Datasheet HTML 38Page - Analog Devices AD9739BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 35 of 48
MULTIPLE DEVICE SYNCHRONIZATION
Synchronization of multiple AD9739s requires all of the devices
to have matching pipeline delays. This implies the DAC outputs
are time aligned to the same phase when all devices are fed with
the same data pattern at the same instance of time. The main
contributor to phase ambiguity between devices is from the
div-by-4 circuitry that drives the Rx data path and data controller
(see Figure 53). This phase ambiguity can result in a ±2 sample
offset between any two devices. Because the state of this internal
divider is unknown at power-up, a synchronization method that
phase aligns the digital paths of multiple AD9739s is required to
ensure matching pipeline delays.
Figure 52 shows a top-level diagram of multiple AD9739s
synchronized to each other with sample alignment of the
different data streams within the FPGA (or among multiple
FPGAs) being assumed. A common RF clock source is
distributed to each of the AD9739 devices via a dual clock
buffer (such as the ADCLK946) with matched PCB trace
lengths to each device to ensure matched propagation delays.
One AD9739 is designated as the master providing a SYNC_OUT
reference clock (equal to fDAC/4) to itself as well as the other
AD9739 slave device’s SYNC_IN input. LVDS fanout buffers with
matched output delays are again used to distribute the SYNC_OUT
and DCO signals of the master to the slave devices and FPGAs,
respectively, thus ensuring tight time alignment. Note, in the
case of a single FPGA implementation (that is, I/Q application),
the DCO of the master can drive the FPGA directly.
After synchronization, the internal div-by-4 circuitry will have
equal phases that drive their respective LVDS controllers. Note,
the mu and data receiver controller of both devices must be
configured for the same SPI register settings (that is, SET_PHS
and DCI_DEL) upon SPI initialization such that controllers
converge to similar delays. To validate that delays are roughly
matched, the user can read back the delays of both devices (that is,
MUDEL and DCI_DEL) to determine if they are in an acceptable
window that accounts for slight mismatches between different
devices’ delay lines.
FPGA_1
MATCHED DELAYS
TO FPGA_2
MASTER
DCO
TO OTHER FPGAs
TO SLAVE_1
TO SLAVE_N
MATCHED DELAYS
MATCHED DELAYS
1:N
LVDS
REPEATER
AD9739
MASTER
DCO
DACCLK
SYNC_IN
DCI
SYNC_OUT
COMMON
CLOCK SOURCE
0.8GHz TO 2.0GHz
DCO
ADCLK346
1:N
LVDS
REPEATER
AD9739
SLAVE_1
DCO
DACCLK
SYNC_IN
DCI
SYNC_OUT
AD9739
SLAVE_N
DCO
DACCLK
SYNC_IN
DCI
SYNC_OUT
FPGA_2
Figure 52. Functional Block Diagram of Two AD9739s Synchronized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com