Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 38Page - Analog Devices AD9739BBCZ Datasheet HTML 39Page - Analog Devices AD9739BBCZ Datasheet HTML 40Page - Analog Devices AD9739BBCZ Datasheet HTML 41Page - Analog Devices AD9739BBCZ Datasheet HTML 42Page - Analog Devices AD9739BBCZ Datasheet HTML 43Page - Analog Devices AD9739BBCZ Datasheet HTML 44Page - Analog Devices AD9739BBCZ Datasheet HTML 45Page - Analog Devices AD9739BBCZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 42 of 48
Output Stage Configuration
The AD9739 is intended to serve high dynamic range applications
that require wide signal reconstruction bandwidth (that is,
DOCSIS CMTS) and/or high IF/RF signal generation. Optimum ac
performance can only be realized if the DAC output is configured
for differential (that is, balanced) operation with its output
common-mode voltage biased to analog ground. The output
network used to interface to the DAC should provide a near 0 Ω
dc bias path to analog ground. Any imbalance in the output
impedance between the IOUTP and IOUTN pins results in
asymmetrical signal swings that degrade the distortion
performance (mostly even order) and noise performance.
Component selection and layout are critical in realizing the
performance potential of the AD9739.
MINI-CIRCUITS®
TC1-33-75G+
90Ω
90Ω
IOUTP
IOUTN
70Ω
Figure 66. Recommended Balun for Wideband Applications with Upper
Bandwidths of up to 2.2 GHz
Most applications requiring balanced-to-unbalanced conversion can
take advantage of the Ruthroff 1:1 balun configuration shown in
Figure 66. This configuration provides excellent amplitude/phase
balance over a wide frequency range while providing a 0 Ω dc bias
path to each DAC output. Also, its design provides exceptional
bandwidth and can be considered for applications requiring
signal reconstruction of up to 2.2 GHz. The characterization plots
shown in this data sheet are based on the AD9739 evaluation
board, which uses this configuration. Figure 67 compares the
measured frequency response for normal and mix mode using
the AD9739 evaluation board vs. the ideal frequency response.
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0
500
1000
1500
2000
2500
3000
3500
FREQUENCY (MHz)
IDEAL BASEBAND MODE
MIX MODE
TC1-33-75G
BASEBAND
TC1-33-75G
IDEAL MIX MODE
Figure 67. Measured vs. Ideal Frequency Response for Normal (Baseband)
and Mix Mode Operation Using a TC1-33-75G Transformer on the AD9739
Evaluation Board
Figure 68 shows an interface that can be considered when
interfacing the DAC output to a self-biased differential gain
block. The inductors shown serve as RF chokes (L) that provide
the dc bias path to analog ground. The value of the inductor,
along with the dc blocking capacitors (C), determines the lower
cutoff frequency of the composite pass-band response. An RF
balun should also be considered before the RF differential gain
stage and any filtering to ensure symmetrical common-mode
impedance seen by the DAC output while suppressing any
common-mode noise, harmonics, and clock spurs prior to
amplification.
90Ω
IOUTP
IOUTN
70Ω
L
L
RF DIFF
AMP
C
C
OPTIONAL BALUN AND FILTER
90Ω
LPF
Figure 68. Interfacing the DAC Output to the Self-Biased Differential Gain Stage
For applications operating the AD9739 in mix mode with output
frequencies extending beyond 2.2 GHz, the circuits shown in
Figure 69 should be considered. The circuit in Figure 69 uses a
wideband balun with a configuration similar to the one shown
in Figure 68 to provide a dc bias path for the DAC outputs. The
circuit in Figure 70 takes advantage of ceramic chip baluns to
provide a dc bias path for the DAC outputs while providing
excellent amplitude/phase balance over a narrower RF band.
These low cost, low insertion loss baluns are available for
different popular RF bands and provide excellent amplitude/
phase balance over their specified frequency range.
C
C
MINI-CIRCUITS
TC1-1-462M
90Ω
IOUTP
IOUTN
70Ω
L
L
90Ω
Figure 69. Recommended Mix Mode Configuration Offering Extended RF
Bandwidth Using a TC1-1-43A+ Balun
MURATA
JOHANSON TECHNOLOGY
CHIP BALUNS
180Ω
IOUTP
IOUTN
70Ω
Figure 70. Lowest Cost and Size Configuration for Narrow RF Band Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com