Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 8Page - Analog Devices AD9739BBCZ Datasheet HTML 9Page - Analog Devices AD9739BBCZ Datasheet HTML 10Page - Analog Devices AD9739BBCZ Datasheet HTML 11Page - Analog Devices AD9739BBCZ Datasheet HTML 12Page - Analog Devices AD9739BBCZ Datasheet HTML 13Page - Analog Devices AD9739BBCZ Datasheet HTML 14Page - Analog Devices AD9739BBCZ Datasheet HTML 15Page - Analog Devices AD9739BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 12 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
AC (NORMAL MODE)
IOUTFS = 20 mA, nominal supplies, 25°C, unless otherwise noted.
VBW 10kHz
STOP 2.4GHz
START 20MHz
Figure 7. Single-Tone Spectrum at fOUT = 91 MHz, fDAC = 2.4 GSPS
fOUT (MHz)
30
35
40
45
50
55
60
65
70
75
80
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
1.6GSPS
1.2GSPS
2.4GSPS
2.0GSPS
Figure 8. SFDR vs. fOUT over fDAC
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
1.2GSPS
2.4GSPS
fOUT (MHz)
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
Figure 9. Single-Tone NSD over fOUT
VBW 10kHz
STOP 2.4GHz
START 20MHz
Figure 10. Single-Tone Spectrum at fOUT = 1091 MHz, fDAC = 2.4 GSPS
fOUT (MHz)
30
0
100 200 300 400 500 600 700 800 900 1000
35
40
45
50
55
60
65
70
75
80
85
90
95
100
1100 1200
1.2GSPS
1.6GSPS
2.0GSPS
2.4GSPS
Figure 11. IMD vs. fOUT over fDAC
fOUT (MHz)
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
–170
–169
–168
–167
–166
–165
–164
–163
–162
–161
–160
2.4GSPS
1.2GSPS
Figure 12. Eight-Tone NSD over fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com