Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 10Page - Analog Devices AD9739BBCZ Datasheet HTML 11Page - Analog Devices AD9739BBCZ Datasheet HTML 12Page - Analog Devices AD9739BBCZ Datasheet HTML 13Page - Analog Devices AD9739BBCZ Datasheet HTML 14Page - Analog Devices AD9739BBCZ Datasheet HTML 15Page - Analog Devices AD9739BBCZ Datasheet HTML 16Page - Analog Devices AD9739BBCZ Datasheet HTML 17Page - Analog Devices AD9739BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 14 of 48
fOUT (MHz)
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900 1000
+25°C
+85°C
–40°C
Figure 19. SFDR vs. fOUT over Temperature
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
0
200
400
600
800
1000
100
300
500
700
900
fOUT (MHz)
+25°C
–40°C
+85°C
Figure 20. Single-Tone NSD vs. fOUT over Temperature
VBW 300kHz
SPAN 53.84MHz
SWEEP 174.6ms (601pts)
CENTER 350.27MHz
#RES BW 30kHz
RMS RESULTS
CARRIER POWER
–14.54dBm/
3.84MHz
FREQ
OFFSET
(MHz)
5
10
15
20
25
REF
BW
(MHz)
3.84
3.84
3.84
3.84
3.84
(dBc)
–79.90
–80.60
–80.90
–80.62
–80.76
(dBm)
–94.44
–95.14
–95.45
–95.16
–95.30
LOWER
(dBc)
–79.03
–79.36
–80.73
–80.97
–80.95
(dBm)
–93.57
–94.40
–95.27
–95.51
–95.49
UPPER
Figure 21. Single-Carrier WCDMA at 350 MHz, fDAC = 2457.6 MSPS
fOUT (MHz)
30
40
50
60
70
80
90
100
110
0
100
200
300
400
500
600
700
800
900 1000
+25°C
–40°C
+85°C
Figure 22. IMD vs. fOUT over Temperature
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
0
200
400
600
800
1000
100
300
500
700
900
fOUT (MHz)
+25°C
–40°C
+85°C
Figure 23. Eight-Tone NSD vs. fOUT over Temperature
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
122.88
245.76
368.64
491.52
614.40
737.28
860.16
983.04
1105.90
1228.80
FIRST ADJ CH
SECOND ADJ CH
FIFTH ADJ CH
fOUT (MHz)
Figure 24. Four-Carrier WCDMA at 350 MHz, fDAC = 2457.6 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com