Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 30Page - Analog Devices AD9739BBCZ Datasheet HTML 31Page - Analog Devices AD9739BBCZ Datasheet HTML 32Page - Analog Devices AD9739BBCZ Datasheet HTML 33Page - Analog Devices AD9739BBCZ Datasheet HTML 34Page - Analog Devices AD9739BBCZ Datasheet HTML 35Page - Analog Devices AD9739BBCZ Datasheet HTML 36Page - Analog Devices AD9739BBCZ Datasheet HTML 37Page - Analog Devices AD9739BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 34 of 48
INTERRUPT REQUESTS
The AD9739 can provide the host processor with an interrupt
request output signal (IRQ) that indicates that one or more of the
AD9739 internal controllers have achieved lock or lost lock. These
controllers include the mu, data receiver, and synchronization
controllers. The host can then poll the IRQ status register
(Register 0x04) to determine which controller has lost lock.
The IRQ output signal is an active high output signal available
on Pin F13. If used, its output should be connected via a 10 kΩ
pull-up resistor to VDD33.
Each IRQ is enabled by setting the enable bits in Register 0x03,
which purposely has the same bit mapping as the IRQ status
bits in Register 0x04. Note that these IRQ status bits are set only
when the controller transitions from a false to true state. Therefore,
it is possible for the x_LCK_IRQ and x_LST_IRQ status bits to
be set when a controller temporarily loses lock but is able to
reestablish lock before the IRQ is serviced by the host. In this
case, the host should validate the present status of the suspect
controller by reading back its current status bits, which are
available in Register 0x21 and/or Register 0x2A. Based on the
status of these bits, the host can take appropriate action, if required,
to reestablish lock. To clear an IRQ after servicing, it is necessary to
reset relevant bits in Register 0x03 by writing 0 followed by
another write of 1 to reenable. A detailed diagram of the
interrupt circuitry is shown in Figure 51.
INT(n)
Q
D
INT
SOURCE
SPI ISR
READ DATA
(PIN F13)
SPI WRITE
INT
SOURCE
SPI ADDRESS
DATA = 1
IMR
SCLK
SPI
DATA
Figure 51. Interrupt Request Circuitry
It is also possible to use the IRQ during the AD9739 initialization
phase after power-up to determine when the mu and data receiver
controllers have achieved lock. For example, before enabling the
mu controller, the MU_LCK_EN bit (Register 0x03, Bit 2) can be
set and the IRQ output signal monitored to determine when lock
has been established before continuing in a similar manner with
the data receiver controllers. Note that the relevant LCK bit should
be cleared before continuing to the next controller. After all
controllers are locked, the lost lock enable bits (that is, x_LST_EN)
should be set.
Table 29. Interrupt Request Registers
Address (Hex)
Bit
Description
5
SYNC_LST_EN
4
SYNC_LCK_EN
3
MU_LST_EN
2
MU_LCK_EN
1
RCV_LST_EN
0x03
0
RCV_LCK_EN
5
SYNC_LST_IRQ
4
SYNC_LCK_IRQ
3
MU_LST_IRQ
2
MU_LCK_IRQ
1
RCV_LST_IRQ
0x04
0
RCV_LCK_IRQ
7
SYNC_TRK_ON
5
SYNC_LST
4
SYNC_LCK
3
RCVR_TRK_ON
1
RCVR_LST
0x21
0
RCVR_LCK
1
MU_LST
0x2A
0
MU_LKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com