Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9739BBCZ Datasheet HTML 22Page - Analog Devices AD9739BBCZ Datasheet HTML 23Page - Analog Devices AD9739BBCZ Datasheet HTML 24Page - Analog Devices AD9739BBCZ Datasheet HTML 25Page - Analog Devices AD9739BBCZ Datasheet HTML 26Page - Analog Devices AD9739BBCZ Datasheet HTML 27Page - Analog Devices AD9739BBCZ Datasheet HTML 28Page - Analog Devices AD9739BBCZ Datasheet HTML 29Page - Analog Devices AD9739BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 26 of 48
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
W
0x00
With enable (Bit 0, Register 0x26) set to 0, this 9-bit value represents the value that
the mu delay is set to. Note that the maximum value is 432.
With enable set to 1, this value represents the mu delay value at which the
controller begins its search. Setting this value to the delay line midpoint of 216 is
recommended.
0x28
MUDEL[8:1]
[7:0]
R
0x00
When read (Bit 3, Register 0x26) is set to 1, the value read back is equal to the value
written into the register when enable = 0 or the value that the mu controller locks
to when enable = 1.
SEARCH_TOL
7
R/W
0
0 = not exact (can find a phase within two values of the desired phase).
1 = finds the exact phase that is targeted (optimal setting).
Retry
6
R/W
0
0 = stop the search if the correct value is not found.
1 = retry the search if the correct value is not found.
CONTRST
5
R/W
0
Controls whether the controller resets or continues when it does not find the
desired phase.
0 = continue (optimal setting).
1 = reset.
0x29
Guard[4:0]
4
R/W
01011
Sets a guard band from the beginning and end of the mu delay line which the mu
controller does not enter into unless it does not find a valid phase outside the
guard band (optimal value is Decimal 11 or 0x0B).
MU_LST
1
R
0
0 = mu controller has not lost lock.
1 = mu controller has lost lock.
0x2A
MU_LKD
0
R
0
0 = mu controller is not locked.
1= mu controller is locked.
PART ID
Table 25. Part ID Register
Address (Hex)
Name
Bit
R/W
Default
Setting
Comments
0x35
PART_ID
[7:0]
R
0x20
Part ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com