Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 26Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 27Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 28Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 29Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 30Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 31Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 32Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 33Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 30 of 48
Data Receiver Controller Initialization Description
The data controller should be initialized and placed into track
mode as the second step in the SPI boot sequence. The following
steps are recommended for the initialization of the data receiver
controller:
1.
Set FINE_DEL_SKEW to 2 for a larger DCI sampling
window (Register 0x13 = 0x72). Note that the default
DCI_DEL and SMP_DEL settings of 167 are optimum.
2.
Disable the controller before enabling (that is, Register
0x10 = 0x00).
3.
Enable the Rx controller in two steps: Register 0x10 = 0x02
followed by Register 0x10 = 0x03.
4.
Wait 135K clock cycles.
5.
Read back Register 0x21 and confirm that it is equal to
0x05 to ensure that the DLL loop is locked and tracking.
6.
Include this step for operation <1.6 GSPS. Read back the
DCI_DEL value to determine whether the value falls
within a user-defined tracking guard band. If it does not,
rotate CLKDIVPH by 1 (Register 0x14, Bits[7:6] and go
back to Step 2.
Once the controller is enabled during the initial SPI boot
process (see Table 31 and Table 32), the controller enters a
search mode where it seeks to find the closest rising edge of the
DCI clock (relative to a delayed version of an internal fDAC/4 clock)
by simultaneously adjusting the delays in the clocks used to
register the DCI and data inputs. A state machine searches
above and below the initial DCI_DEL value. The state machine
first searches for the first rising edge above the DCI_DEL and
then searches for the first rising edge below the DCI_DEL value.
The state machine selects the closest rising edge and then enters
track mode. It is recommended that the default midscale delay
setting (that is, Decimal 167) for the DCI_DEL and SMP_DEL
bits be kept to ensure that the selected edge remains closest to
the delay line midpoint, thus providing the greatest range for
tracking timing variations and preventing the controller from
falling out of lock.
The adjustable delay span for these internal clocks (that is, DCI
and sample delay) is nominally 4 ns. The 10-bit delay value is
user programmable from the decimal equivalent code (0 to 384)
with approximately 12 ps/LSB resolution via the DCI_DEL and
SMP_DEL registers (via Register 0x11 thru Register 0x14). When
the controller is enabled, it overwrites these registers with the
delay value it converges upon. The minimum difference
between this delay value and the minimum/maximum values
(that is, 0 and 334) represents the guard band for tracking.
Therefore, if the controller initially converges upon a DCI_DEL
and SMP_DEL value between 80 and 304, the controller has a
guard band of at least 80 code (approximately 1 ns) to track
phase variations between the clock domains.
Upon initialization of the AD9739, a certain period of time is
required for the data receiver controller to lock onto the DCI clock
signal. Note that, due to its dependency on the mu controller and
synchronization controller (optional), the data receiver controller
should be enabled only after these other controllers have been
enabled and established locked. All of the internal controllers
operate at submultiples of the DAC update rate. The number of
fDAC clock cycles required to lock onto the DCI clock is dependent
on whether the synchronization controller is enabled as shown
in Table 26.
Table 26. Typical/Worst-Case Lock Times for LVDS Controller
(Relative to 1/fDAC)
Synchronization Controller
Typical
Worst Case
Off
70K
135K
Slave
70K
135K
Master
300K
560K
During the SPI initialization process, the user has the option of
polling Register 0x21 (Bit 0, Bit 1, and Bit 3) to determine if the
data receiver controller is locked, has lost lock, or has entered into
track mode before completing the boot sequence. Alternatively, the
appropriate IRQ bit (Register 0x03 and Register 0x04) can be
enabled such that an IRQ output signal is generated upon the
controller establishing lock (see the Interrupt Requests section).
The data receiver controller can also be configured to generate
an interrupt request (IRQ) upon losing lock. Losing lock can be
caused by excessive jitter on the DCI input signal, disruption of
the main DAC clock input, or loss of a power supply rail. To service
the interrupt, the host can poll the RCVR_LCK bit (Register 0x21,
Bit 0) to determine the current state of the controller. If this bit
is cleared, the search/track procedure can be restarted by setting
the RCVR_LOOP_ON bit in Register 0x10, Bit 1. After waiting
the required lock time, the host can poll the RCVR_LCK bit to
see if it has been set. Before leaving the interrupt routine, the
RCVR_FLG_RST bit (Register 0x10, Bit 2) should be reset by
writing a high followed by a low.
Data Receiver Operation at Lower Clock Rates
At clock rates below 1.6 GSPS, it is recommended to include
provisions to rotate the CLKDIVPH setting in the SPI boot
process. As previously mentioned, the delay line can be varied
over a nominal 4 ns window. If the minimum specified clock
rate of 800 MSPS is considered, a DCI clock rate of 200 MSPS
corresponds to a 5 ns period, thus exceeding the delay line length.
Therefore, it becomes possible that the initial startup phase from
the div-by-4 circuit (and DCO output) is such that the data receiver
controller can never establish initial lock upon power up.
If the clock rate is increased to 1600 MSPS (that is, DCI clock
period of 2.5 ns), the controller will always be able to find at
least two DCI clock edges, therefore, establish lock. However,
should the DCI edges fall symmetrically (equal distance) from
the initial DCI_DEL midscale setting, a guard band of ±0.75 ns
(that is, (4.0 − 2.5)/2) results. Rotating the CLKDIVPH can result
in an improvement in this case by skewing one of the DCI edges
toward the DCI_DEL midscale value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com