Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 36Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 37Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 38Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 39Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 40Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 41Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 42Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 43Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 40 of 48
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
–15 –13 –11 –9 –7 –5 –3 –1 1
3
5
7
9 11 13 15
OFFSET CODE
CLKP
CLKN
Figure 61. Common-Mode Voltage with Respect to
CLKP_OFFSET/CLKN_OFFSET and DIR_P/DIR_N
VOLTAGE REFERENCE
The AD9739 output current is set by a combination of digital
control bits and the I120 reference current, as shown in Figure 62.
CURRENT
SCALING
FSC[9:0]
AD9739
DAC
IFULL-SCALE
10kΩ
1nF
VREF
I120
AGND
I120
VBG
1.2V
+
–
Figure 62. Voltage Reference Circuit
The reference current is obtained by forcing the band gap voltage
across an external 10 kΩ resistor from I120 (Pin B14) to ground.
The 1.2 V nominal band gap voltage (VREF) generates a 120 μA
reference current in the 10 kΩ resistor. Note the following
constraints when configuring the voltage reference circuit:
•
Both the 10 kΩ resistor and 1 nF bypass capacitor are required
for proper operation.
•
Adjusting the output full-scale current, IOUTFS, of the DAC
from its default setting of 20 mA should be performed
digitally.
•
The AD9739 is not a multiplying DAC. Modulating the
reference current, I120, with an ac signal is not supported.
•
The band gap voltage appearing at VREF (Pin C14) must
be buffered for use with external circuitry because its
output impedance is approximately 5 kΩ.
•
An external reference can be used to overdrive the internal
reference by connecting it to VREF (Pin C14).
IOUTFS can be adjusted digitally over 8.7 mA to 31.7 mA by using
FSC[9:0] (Register 0x06 and Register 0x07).
The following equation relates IOUTFS to the FSC[9:0] register,
which can be set from 0 to 1023:
IOUTFS = 22.6 × FSC[9:0]/1000 + 8.7
(1)
Note that a default value of 0x200 generates 20 mA full scale,
which is used for most of the characterization presented in this
data sheet (unless noted otherwise).
ANALOG OUTPUTS
Equivalent DAC Output and Transfer Function
The AD9739 provides complementary current outputs, IOUTP
and IOUTN, that source current into an external ground reference
load. Figure 63 shows an equivalent output circuit for the DAC.
Note that, compared to most current output DACs of this type,
the AD9739 outputs exhibit a slight offset current (that is,
IOUTFS/16), and the peak differential ac current is slightly below
IOUTFS/2 (that is, 15/32 × IOUTFS).
17/32 × IOUTFS
IPEAK =
15/32 × IOUTFS
AC
70Ω
2.2pF
IOUTFS = 8.6 – 31.2mA
17/32 × IOUTFS
Figure 63. Equivalent DAC Output Circuit
As shown in Figure 63, the DAC output can be modeled as a pair of
dc current sources that source a current of 17/32 × IOUTFS to each
output. A differential ac current source, IPEAK, is used to model
the signal-dependent nature of the DAC output. The polarity
and signal dependency of this ac current source are related to
the digital code by the following equations:
F(Code) = (DACCODE − 8192)/8192
(2)
−1 ≤ F(Code) < 1
(3)
where DACCODE = 0 to 16,383 (decimal).
Because IPEAK can swing ±(15/32) × IOUTFS, the output currents
measured at IOUTP and IOUTN can span from IOUTFS/16 to
IOUTFS. However, because the ac signal-dependent current
component is complementary, the sum of the two outputs is
always constant (that is, IOUTP + IOUTN = (34/32) × IOUTFS).
The code-dependent current measured at the IOUTP (and
IOUTN) output is as follows:
IOUTP = 17/32 × IOUTFS + 15/32 × IOUTFS × F(Code)
(4)
IOUTN = 17/32 × IOUTFS − 15/32 × IOUTFS × F(Code)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com