Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 37Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 38Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 39Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 40Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 41Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 42Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 43Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 44Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 41 of 48
Figure 64 shows the IOUTP vs. DACCODE transfer function
when IOUTFS is set to 19.65 mA.
If the AD9739 is programmed for IOUTFS = 20 mA, its peak ac
current is 9.375 mA and its peak power delivered to the equivalent
load is 2.2 mW (that is, P = I2R). Because the source and load
resistance seen by the 1:1 balun are equal, this power is shared
equally; therefore, the output load receives 1.1 mW or 0.4 dBm.
20
18
10
12
14
16
8
6
4
2
0
0
4096
8192
12,288
DAC CODE
16,384
To calculate the rms power delivered to the load, the following
must be considered:
•
Peak-to-rms of the digital waveform
•
Any digital backoff from digital full scale
•
The DAC’s sinc response and nonideal losses in external
network
For example, a reconstructed sine wave with no digital backoff
ideally measures −2.6 dBm because it has a peak-to-rms ratio of
3 dB. If a typical balun loss of 0.4 dBm is included, −3 dBm of
actual power can be expected in the region where the sinc response
of the DAC has negligible influence. Increasing the output power is
best accomplished by increasing IOUTFS, although any degradation in
linearity performance must be considered acceptable for the
target application.
Figure 64. Gain Curve for FSC[9:0] = 512, DAC Offset = 1.228 mA
Peak DAC Output Power Capability
The maximum peak power capability of a differential current
output DAC is dependent on its peak differential ac current, IPEAK,
and the equivalent load resistance it sees. Because the AD9739
includes a differential 70 Ω resistance, it is best to use a doubly
terminated external output network similar to what is shown in
Figure 65. In this case, the equivalent load seen by the ac current
source of the DAC is 25 Ω.
IPEAK =
15/32 × IOUTFS
AC
70Ω
IOUTFS = 8.6 – 31.2mA
180Ω
RLOAD
= 50Ω
RSOURCE
= 50Ω
LOSSLESS
BALUN
1:1
Figure 65. Equivalent Circuit for Determining Maximum Peak Power to a 50 Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com