Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 3Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 4Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 5Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 6Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 7Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 8Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 9Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 10Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 7 of 48
AC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, IOUTFS = 20 mA, fDAC = 2400 MSPS.
Table 4.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
DAC Clock Rate
800
2500
MSPS
Adjusted DAC Update Rate1
800
2500
MSPS
Output Settling Time (tst) to 0.1%
13
ns
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fOUT = 100 MHz
69.5
dBc
fOUT = 350 MHz
58.5
dBc
fOUT = 550 MHz
54
dBc
fOUT = 950 MHz
60
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD), fOUT2 = fOUT1 + 1.25 MHz
fOUT = 100 MHz
94
dBc
fOUT = 350 MHz
78
dBc
fOUT = 550 MHz
72
dBc
fOUT = 950 MHz
68
dBc
NOISE SPECTRAL DENSITY (NSD), 0 dBFS SINGLE TONE
fOUT = 100 MHz
−166
dBm/Hz
fOUT = 350 MHz
−161
dBm/Hz
fOUT = 550 MHz
−160
dBm/Hz
fOUT = 850 MHz
−160
dBm/Hz
WCDMA ACLR (SINGLE CARRIER), ADJACENT/ALTERNATE ADJACENT CHANNEL
fDAC = 2457.6 MSPS fOUT = 350 MHz
80/80
dBc
fDAC = 2457.6 MSPS, fOUT = 950 MHz
78/79
dBc
fDAC = 2457.6 MSPS, fOUT = 1700 MHz (Mix Mode)
74/74
dBc
fDAC = 2457.6 MSPS, fOUT = 2100 MHz (Mix Mode)
69/72
dBc
1 Adjusted DAC updated rate is calculated as fDAC divided by the minimum required interpolation factor. For the AD9739, the minimum interpolation factor is 1. Thus,
with fDAC = 2500 MSPS, fDAC adjusted = 2500 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com