Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 18Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 19Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 20Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 21Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 22Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 23Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 24Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 25Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 22 of 48
SPI PORT CONFIGURATION AND SOFTWARE RESET
Table 10. SPI Port Configuration and Software Reset Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
SDIO_DIR
7
R/W
0
0 = 4-wire SPI, 1 = 3-wire SPI.
LSB/MSB
6
R/W
0
0 = MSB first, 1 = LSB first.
0x00
Reset
5
R/W
0
Software reset is recommended before modification of other SPI registers from the default
setting. Setting the bit to 1 causes all registers (except 0x00) to be set to the default setting.
Setting the bit to 0 corresponds to the inactive state, allowing the user to modify registers
from the default setting.
POWER-DOWN LVDS INTERFACE AND TXDAC®
Table 11. Power-Down LVDS Interface and TxDAC Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
LVDS_DRVR_PD
5
R/W
0
LVDS_RCVR_PD
4
R/W
0
CLK_RCVR_PD
1
R/W
0
0x01
DAC_BIAS_PD
0
R/W
0
Power-down of the LVDS drivers/receivers and TxDAC.
0 = enable, 1 = disable.
CONTROLLER CLOCK DISABLE
Table 12. Controller Clock Disable Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
CLKGEN_PD
3
R/W
0
Internal CLK distribution enable:
0 = enable, 1 = disable.
REC_CNT_CLK
1
R/W
1
0x02
MU_CNT_CLK
0
R/W
1
LVDS receiver and Mu controller clock disable.
0 = disable, 1 = enable.
INTERRUPT REQUEST (IRQ) ENABLE/STATUS
Table 13. Interrupt Request (IRQ) Enable/Status Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
SYNC_LST_EN
5
W
0
SYNC_LCK_EN
4
W
0
MU_LST_EN
3
W
0
MU_LCK_EN
2
W
0
RCV_LST_EN
1
W
0
0x03
RCV_LCK_EN
0
W
0
This register enables the sync, mu, and LVDS Rx controllers to update their
corresponding IRQ status bits in Register 0x04, which defines whether the controller is
locked (LCK) or unlocked (LST).
0 = disable (resets the status bit).
1 = enable.
SYNC_LST_IRQ
5
R
0
SYNC_LCK_IRQ
4
R
0
MU_LST_IRQ
3
R
0
MU_LCK_IRQ
2
R
0
RCV_LST_IRQ
1
R
0
0x04
RCV_LCK_IRQ
0
R
0
This register indicates the status of the controllers. For LCK_IQR bits: 0 = lost locked, 1
= locked. For LST_IQR bits: 0 = not lost locked, 1 = unlocked. Note that, if the
controller IRQ is serviced, the relevant bits in Register 0x03 should be reset by writing
0, followed by another write of 1 to enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com