Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 23Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 24Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 25Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 26Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 27Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 28Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 29Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 30Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 27 of 48
THEORY OF OPERATION
The AD9739 data receiver controller generates an internal
sampling clock offset by 90° from the DCI to sample the input
data on the DB0 and DB1 ports. When enabled and configured
properly for track mode, it ensures proper data recovery between
the host and the AD9739 clock domains. The data receiver
controller has the ability to track several hundreds of ps of drift
between these clock domains, typically caused by supply and
temperature variation.
Figure 39 shows a top-level functional diagram of the AD9739.
A high performance TxDAC core delivers a signal dependent,
differential current (nominal ±10 mA) to a balanced load
referenced to ground. The frequency of the clock signal
appearing at the AD9739 differential clock receiver, DACCLK,
sets the TxDAC’s update rate. This clock signal, which serves as
the master clock, is routed directly to the TxDAC as well as to a
clock distribution block that generates all critical internal and
external clocks.
As mentioned, the host processor provides the AD9739 with a
deinterleaved data stream such that the DB0 and DB1 data ports
receive alternating samples (that is, odd/even data streams). The
AD9739 data assembler is used to reassemble (that is, multiplex)
the odd/even data streams into their original order before
delivery into the TxDAC for signal reconstruction. The pipeline
delay from a sample being latched into the data port to when it
appears at the DAC output is on the order of 78 (±) DACCLK
cycles. Applications that require matching pipeline delays (that
is, synchronization) between multiple AD9739s can use the
SYNC controller. The SYNC controller phase aligns the outputs
of one or more AD9739 devices (that is,. slaves) to a master
AD9739 device.
DCI
SDO
SDIO
SCLK
CS
DACCLK
DCO
SYNC_OUT
SYNC_IN

CLK DISTRIBUTION
(DIV-BY-4)
SPI
RESET
SYNC-
CONTROLLER
IOUTP
IOUTN
VREF
I120
IRQ
1.2V
DAC BIAS
AD9739
TxDAC
CORE
The AD9739 includes a delay lock loop (DLL) circuit controlled
via a mu controller to optimize the timing hand-off between the
AD9739 digital clock domain and TxDAC core. Besides ensuring
proper data reconstruction, the TxDAC’s ac performance is also
dependent on this critical hand-off between these clock domains
with speeds of up to 2.5 GSPS. Once properly initialized and
configured for track mode, the DLL maintains optimum timing
alignment over temperature, time, and power supply variation.
Figure 39. Functional Block Diagram of the AD9739
A SPI interface is used to configure the various functional blocks as
well as monitor their status for debug purposes. Proper operation
of the AD9739 requires that controller blocks be initialized upon
power-up. A simple SPI initialization routine is used to configure
the controller blocks (see Figure 51 and Figure 52). An IRQ
output signal is available to alert the host should any of the
controllers fall out of lock during normal operation.
The AD9739 includes two 14-bit LVDS data ports (DB0 and
DB1) to reduce the data interface rate to ½ the TxDAC update rate.
The host processor drives deinterleaved data with offset binary
format onto the DB0 and DB1 ports, along with an embedded DCI
clock that is synchronous with the data. Because the interface is
double data rate (DDR), the DCI clock is essentially an alternating
010101……….01010 bit pattern with a frequency equal to ¼ the
TxDAC update rate (fDAC). To simplify synchronization with the
host processor, the AD9739 passes an LVDS clock output (DCO)
that is also equal to the DCI frequency.
The following sections discuss the various functional blocks in
more detail as well as their implications when interfacing to
external ICs and circuitry. While a detailed description of the
various controllers (and associated SPI registers used to configure
and monitor) is also included for completeness, the recommended
SPI boot procedure can be used to ensure reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com