Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 40Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 41Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 42Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 43Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 44Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 45Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 46Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 47Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 47 of 48
Table 32. Recommended SPI Initialization with SYNC Controller Enabled
Step
Address (Hex)
Write Value
Comments
1
0x00
0x00
Configure for the 4-wire SPI mode with MSB. Note that Bits[7:5] must be mirrored onto
Bits[2:0] because the MSB/LSB format can be unknown at power-up.
2
0x00
0x20
Software reset to default SPI values.
3
0x00
0x00
Clear the reset bit.
4
0x22
0x0F
5
0x23
0x0F
Set the common-mode voltage of DACCLK_P and DACCLK_N inputs.
6
0x24
0x30
7
0x25
0x80
8
0x27
0x44
9
0x28
0x6C
10
0x29
0xCB
11
0x26
0x02
Configure the mu controller. Refer to Table 28 for recommended target Mu slope and
phase settings vs. clock rate.
12
0x26
0x03
Enable the mu controller search and track mode.
13
Not applicable
Not applicable
Wait for 160 K × 1/fDATA cycles.
14
0x2A
Read back Register 0x2A and confirm that it is equal to 0x01 to ensure that the DLL loop
is locked. If it is not locked, proceed to Step 10 and repeat. Limit attempts to three
before breaking out of the loop and reporting a mu lock failure.
15
0x15
0x42
Configure sync controller.
16
0x10
0x00
Disable sync controller before enabling it.
17
0x10
0x60 or 0x40
Enable sync controller for loop and IRQ.
0x60 = master mode.
0x40 = slave mode.
18
0x10
0x70 or 0x50
Enable sync controller:
0x70 = master mode.
0x50 = slave mode.
19
Not applicable
Not applicable
Wait for 160 K × 1/fDATA for DLL to lock.
20
0x21
Read back Register 0x21 to confirm proper operation:
0x90 = master mode.
0x00 = slave mode.
If not, proceed to Step 15 and repeat. Limit to three attempts before breaking out of
loop and reporting sync lock failure.
21
0x0D
Read back Register 0x0D and confirm Bits[5:4] = 10. If not, proceed to Step 2 and repeat.
Limit to three attempts before breaking out of loop and reporting sync lock failure.
22
Not applicable
Not applicable
Ensure that the AD9739 is fed with DCI clock input from the data source.
23
0x13
0x72
Set FINE_DEL_SKEW to 2.
24
0x10
0x00
Disable the data Rx controller before enabling it.
25
0x10
0x02
Enable the data Rx controller for loop and IRQ.
26
0x10
0x03
Enable the data Rx controller for search and track mode.
27
Wait for 135 K × 1/fDATA cycles.
28
0x21
Read back Register 0x21 and confirm that it is equal to 0x09 to ensure that the DLL loop
is locked and tracking. If it is not locked and tracking, proceed to Step 16 and repeat.
Limit attempts to three before breaking out of the loop and reporting an Rx data lock
failure.
29
Not applicable
Not applicable
Readback DCI_DEL value in Register 0x13 and Register 0x14 for master and. If slave
devices are not within 40 codes of each other, re-specify target DCI_DEL value to be
average between master and readback DCI_DEL value.
30
0x06, 0x07
0x00, 0x02
Optional: modify the TxDAC IOUTFS setting (the default is 20 mA).
31
0x08
0x00
Optional: modify the TxDAC operation mode (the default is normal mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com