Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 21Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 22Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 23Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 24Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 25Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 26Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 27Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 28Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 25 of 48
SYNC AND DATA RECEIVER CONTROLLER LOCK/TRACKING STATUS
Table 22. Sync and Data Receiver Controller Lock/Tracking Status Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
SYNC_TRK_ON
7
R
0
SYNC_LST
5
R
0
SYNC_LCK
4
R
0
RCVR_TRK_ON
3
R
0
RCVR_LST
1
R
0
0x21
RCVR_LCK
0
R
0
SYNC_TRK_ON and RCVR_TRK_ON:
0 = tracking not established.
1 = tracking established.
SYNC_LCK and RCVR_LCK:
0 = controller is not locked.
1 = controller is locked.
SYNC_LST and RCVR_LST:
0 = lock has not been lost.
1 = lock has been lost at some point.
CLK INPUT COMMON MODE
Table 23. CLK Input Common Mode Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
DIR_P
4
R/W
0
0x22
CLKP_OFFSET[3:0]
[3:0]
R/W
0000
DIR_N
4
R/W
0
0x23
CLKN_OFFSET[3:0]
[3:0]
R/W
0000
DIR_P and DIR_N:
0 = VCM at the DACCLK_P input decreases with the offset value.
1 = VCM at the DACCLK_P input increases with the offset value.
CLKx_OFFSET sets the magnitude of the offset for the DACCLK_P and DACCLK_N
inputs. For optimum performance, set to 1111.
MU CONTROLLER CONFIGURATION AND STATUS
Table 24. Mu Controller Configuration and Status Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
CMP_BST
5
R/W
0
0x24
PHS_DET
AUTO_EN
4
R/W
0
Phase detector enable and boost bias bits. Note that both bits should always be set to 1
to enable these functions.
0x25
MU_DUTY
AUTO_EN
7
R/W
0
Mu controller duty cycle enable. Note that this bit should always be set to 1 to enable.
Slope
6
R/W
1
Mu controller phase slope lock. 0 = negative slope, 1 = positive slope.
Refer to Table 28 for optimum setting.
0x26
Mode[1:0]
[5:4]
R/W
00
Sets the mu controller mode of operation.
00 = search and track (recommended).
01 = search only.
10 = track.
Read
3
R/W
0
Set to 1 to read the current value of the Mu delay line in.
Gain[1:0]
[2:1]
R/W
01
Sets the mu controller tracking gain. Recommended to leave at the default 01 setting.
Enable
0
R/W
0
1 = enable the mu controller.
0 = disable the mu controller.
MUDEL[0]
7
R/W
0
The LSB of the 9-bit MUDEL setting.
SRCH_MODE[1:0]
[6:5]
R/W
0
Sets the direction in which the mu controller searches (from its initial MUDEL setting) for
the optimum mu delay line setting that corresponds to the desired phase/slope setting
(that is, SET_PHS and slope ).
00 = down.
01 = up.
10 = down/up (recommended).
0x27
SET_PHS[4:0]
[4:0]
R/W
0
Sets the target phase that the mu controller locks to with a maximum setting of 16.
Refer to Table 28 for optimum setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com