Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739-R2-EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9739-R2-EBZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739-R2-EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9739-R2-EBZ Datasheet HTML 33Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 34Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 35Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 36Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 37Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 38Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 39Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 40Page - Analog Devices AD9739-R2-EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 37 of 48
devices also remain centered between their respective div-by-4
phases; therefore, providing the greatest margin to absorb nonideal
timing skews. The following status bits are available in Register
0x21 indicating lock, lost-lock, and tracking: SYNC_LCK,
SYNC_LST and SYNC_TRK_ON.
The sync controller of the slave is enabled by writing 0x50 to
Register 0x10. Once enabled, the state machine compares the
reference SYNC_IN signal to the 0°/90° phase outputs of the
div-by-4 phase settings. If the SYNC_IN signal does not fall
between these phases, the state machine of the slave rotates the div-
by-4 phase setting until it does. To validate that phase alignment
has been achieved, the SYNC_IN_PH90 and SYNC_IN_PH0
status bits should read 1 and 0, respectively (that is, Register 0x0D,
Bits[5:4]). Note that the DCO and SYNC_OUT outputs of the
slave can be disabled via Register 0x01, Bit 5.
Synchronization Limitations
Ensuring consistent synchronization over production lots in
systems containing two or more AD9739s becomes increasingly
more challenging at the higher update rates because the timing
offset between adjacent phases of the div-by-4 output clock is
equal to 1/fDAC . For example, a DAC update of 2 GSPS corresponds
to a 500 ps period. If the SYNC_IN signal of an ideal master
device is positioned in the center of its div-by-4 0o and 90o phase
outputs, only ±250 ps of timing margin exists for the slave
devices. This ideal margin is actually reduced by quadrature
phase errors in the div-by-4 circuit of the master as well as its
ability to position the SYNC_IN exactly in the center of the 0°
and 90° output phases.
The timing margin is further eroded by the following sources:
•
Master-to-slave device(s) mismatch in the propagation delays
in the mu delay clock path and SYNC_IN. Note that these
mismatches can be up to 100 ps between devices that are at
opposite extremes of the process corners.
•
Quadrature phase errors in the div-by-4 outputs of the slave.
These sources of timing skews become more significant as the
DACCLK period is decreased (that is, clock rate is increased),
leaving less margin for timing skews external to the master-to-
slave device(s). Special consideration to PCB layout and selection
of clock distribution ICs are required to ensure minimum skew
between the distributed DACCLK and SYNC_IN signals. Note
that timing skews can quickly accumulate considering that the
propagation delay on an FR4 PCB is on the order of 170 ps/inch,
and that output-to-output skews on each clock distribution IC
can be as high as 25 ps.
The problem becomes more pronounced in multiboard
synchronization where clock signals (that is, DACCLK,
SYNC_OUT, and DCO) are distributed over a back plane to
multiple PCBs. Data alignment among the various data sources
is required when driven by phase aligned DCO signals that are
a buffered version of the master’s DCO. However, these data
sources (FPGAs) also have process, supply voltage, and
temperature sensitivities (PVTs) that can cause misalignment
among their respective DCI outputs.
Adding to this dilemma is that it also possible for the data
receiver controller of different AD9739s to converge on different
delay settings due to PVT variations of the delay line (even if
DCI inputs are exactly aligned). This can result in a four sample
pipeline mismatch between devices if the difference in absolute
delays exceeds a period of 4/fDAC. Recall that the controller searches
up/down for its first valid edge from its initial start value (that is,
DCI_DEL and SMP_DEL). While the initial start values between
devices should be made the same, different absolute time delays
due to PVT can cause devices to converge on different edges of
DCI above or below this initial start value. As a result, confirm
that DCI_DEL values between multiple devices are matched
sufficiently such that the absolute differences between the
readback DCI_DEL values do not exceed a data period (that is,
4/fDAC). If the difference exceeds a data period, modify the
DCI_DEL (and SMP_DEL) setting of the slave device so that its
start point is roughly ½ the difference between the master and
slave readback values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com