Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 18Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 19Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 20Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 21Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 22Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 23Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 24Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 25Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-8
Revision 3
Temperature and Voltage Derating Factors
Table 2-5 •
Temperature and Voltage Derating Factors for Timing Delays
(normalized to TJ = 125°C, VCC = 1.14 V)
Applicable to A3PE600L and A3PE3000L Only
Junction Temperature
Array Voltage VCC (V)
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
1.14
0.85
0.86
0.89
0.92
0.96
0.97
1.00
1.2
0.82
0.83
0.86
0.88
0.92
0.93
0.96
1.26
0.79
0.80
0.83
0.85
0.89
0.90
0.93
1.30
0.77
0.78
0.81
0.83
0.86
0.88
0.90
1.35
0.74
0.75
0.78
0.80
0.84
0.85
0.88
1.40
0.72
0.73
0.75
0.77
0.81
0.82
0.85
1.425
0.71
0.71
0.74
0.76
0.79
0.80
0.83
1.5
0.67
0.68
0.70
0.72
0.75
0.76
0.79
1.575
0.65
0.66
0.68
0.70
0.73
0.74
0.76
Table 2-6 •
Temperature and Voltage Derating Factors for Timing Delays
(normalized to TJ = 125°C, VCC = 1.425 V)
Applicable to A3P250 and A3P1000 Devices Only
Junction Temperature
Array Voltage VCC (V)
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
1.425
0.80
0.82
0.87
0.89
0.94
0.96
1.00
1.5
0.76
0.78
0.82
0.84
0.89
0.91
0.95
1.575
0.73
0.75
0.79
0.82
0.86
0.87
0.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com