Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 2 Page - Microsemi Corporation

  IO134PDB3V2 Datasheet HTML 1Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 2Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 3Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 4Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 5Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 6Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 7Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 8Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
II
Revision 3
I/Os Per Package 1
Military ProASIC3/EL Device Status
ProASIC3/EL
Low Power Devices
A3P250
A3PE600L
A3P1000
A3PE3000L
ARM
Cortex-M1 Devices
M1A3P1000
M1A3PE3000L
Package
Single-
Ended I/O2
Differential
I/O Pairs
Single-
Ended I/O2
Differential
I/O Pairs
Single-
Ended I/O2
Differential
I/O Pairs
Single-
Ended I/O2
Differential
I/O Pairs
VQ100
68
13
–
–
–
–
–
–
PQ208
–
–
–
–
154
35
–
–
FG144
–
–
–
–
97
25
–
–
FG484
–
–
270
135
300
74
341
168
FG896
–
–
–
–
–
–
620
300
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the packaging section of the datasheet to
ensure you are complying with design and board migration requirements.
2. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
3. "G" indicates RoHS-compliant packages. Refer to "Military ProASIC3/EL Ordering Information" on page III for the location of the
"G" in the part number.
4. For A3PE3000L devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
5. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not as a regular I/O, the number of single-ended
user I/Os available is reduced by one.
Military ProASIC3/EL Devices
Status
M1 Military ProASIC3/EL Devices
Status
A3P250
Production
A3PE600L
Production
A3P1000
Production
M1A3P1000
Production
A3PE3000L
Production
M1A3PE3000L
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com