Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 34 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 30Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 31Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 32Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 33Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 34Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 35Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 36Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 37Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-20
Revision 3
User I/O Characteristics
Timing Model
Figure 2-4 • Timing Model
Operating Conditions: –1 Speed, Military Temperature Range (TJ = 125°C), Worst-Case
VCC = 1.14 V (example for A3PE3000L and A3PE600L)
DQ
Y
Y
DQ
DQ
DQ
Y
Combinational Cell
Combinational Cell
Combinational Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
Register Cell
Register Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
LVPECL
LVPECL
LVDS,
B-LVDS,
M-LVDS
LVTTL 3.3 V Output Drive
Strength = 12 mA
High Slew Rate
Y
Combinational Cell
Y
Combinational Cell
Y
Combinational Cell
I/O Module
(Non-Registered)
LVTTL Output Drive Strength = 8 mA
High Slew Rate
I/O Module
(Non-Registered)
LVCMOS 1.5 V Output Drive Strength = 4 mA
High Slew Rate
LVTTL Output Drive Strength = 12 mA
High Slew Rate
I/O Module
(Non-Registered)
Input LVTTL
Clock
Input LVTTL
Clock
Input LVTTL
Clock
tPD = 0.78 ns
tPD = 0.67 ns
tDP = 1.51 ns
tPD = 1.21 ns
tDP = 2.09 ns
tPD = 0.70 ns
tDP = 2.38 ns
tPD = 0.65 ns
tDP = 2.84 ns
tPD = 0.65 ns
tPY = 1.49 ns
tCLKQ = 0.76 ns
tOCLKQ = 0.81 ns
tSUD = 0.9 ns
tOSUD = 0.43 ns
tDP = 2.09 ns
tPY = 1.49 ns
tPY = 2.11 ns
tCLKQ = 0.76 ns
tSUD = 0.59 ns
tPY = 1.49 ns
tICLKQ = 0.33 ns
tISUD = 0.36 ns
tPY = 1.84 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com