Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 67 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 63Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 64Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 65Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 66Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 67Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 68Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 69Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 70Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-53
Timing Characteristics
1.2 V DC Core Voltage
Table 2-73 • 2.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
4 mA
Std.
0.80
6.87 0.05 2.04 2.56
0.52
6.99 5.83 2.70 2.19
9.20
8.03
ns
–1
0.68
5.84 0.05 1.73 2.17
0.44
5.95 4.96 2.29 1.86
7.82
6.83
ns
8 mA
Std.
0.80
5.62 0.05 2.04 2.56
0.52
5.72 4.94 3.08 2.90
7.92
7.14
ns
–1
0.68
4.78 0.05 1.73 2.17
044
4.86 4.20 2.62 2.47
6.74
6.08
ns
12 mA
Std.
0.80
4.73 0.05 2.04 2.56
0.52
4.81 4.30 3.34 3.38
7.01
6.50
ns
–1
0.68
4.02 0.05 1.73 2.17
0.44
4.09 3.65 2.84 2.87
5.97
5.53
ns
16 mA
Std.
0.80
4.46 0.05 2.04 2.56
0.52
4.53 4.16 3.39 3.50
6.74
6.36
ns
–1
0.68
3.79 0.05 1.73 2.17
0.44
3.86 3.54 2.89 2.98
5.73
5.41
ns
24 mA
Std.
0.80
4.34 0.05 2.04 2.56
0.52
4.41 4.17 3.47 3.96
6.62
6.38
ns
–1
0.68
3.69 0.05 1.73 2.17
0.44
3.75 3.55 2.95 3.96
5.63
5.43
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-74 • 2.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.80
3.51 0.05 2.04 2.56
0.52
3.56 3.13 2.70 2.27
5.77
5.33
ns
–1
0.68
2.98 0.05 1.73 2.17
0.44
3.03 2.66 2.29 1.93
4.91
4.53
ns
8 mA
Std.
0.80
2.87 0.05 2.04 2.56
0.52
2.92 2.40 3.08 3.01
5.12
4.61
ns
–1
0.68
2.44 0.05 1.73 2.17
0.44
2.48 2.05 2.62 2.56
4.36
3.92
ns
12 mA
Std.
0.80
2.50 0.05 2.04 2.56
0.52
2.53 2.05 3.34 3.47
4.74
4.25
ns
–1
0.68
2.12 0.05 1.73 2.17
0.44
2.15 1.74 2.84 2.95
4.03
3.62
ns
16 mA
Std.
0.80
2.43 0.05 2.04 2.56
0.52
2.47 1.98 3.39 3.59
4.67
4.19
ns
–1
0.68
2.07 0.05 1.73 2.17
0.44
2.10 1.69 2.89 3.06
3.97
3.56
ns
24 mA
Std.
0.80
2.44 0.05 2.04 2.56
0.52
2.48 1.90 3.47 4.08
4.68
4.10
ns
–1
0.68
2.08 0.05 1.73 2.17
0.44
2.11
1.61 2.95 3.47
3.98
3.49
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com